Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440SPE Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
PowerPC 440SPe Embedded Processor
50
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
Table 6. Signal Functional Description (Sheet 1 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes
PCI-Express 0:2 Interfaces
PCIE_REFCLK
PCIE_REFCLK
PCI Express Reference Clock: 100 MHz differential
clock pair. Input type is controlled by bit 3 of the
PESDR0_PLLLCT1[MCENT] register.
0 2.5V CMOS or LVDS
1 2.5V LVPECL (recommended)
I
Diff PECL
PCIE0Tx[7:0]
PCIE0Tx[7:0]
PCIE1:2Tx[3:0]
PCIE1:2Tx[3:0]
PCI Express Serial Data Transmit differential signals
LSB is 0.
X8 Mode: All PCIE0Tx[7:0]/PCIE0Tx[7:0] are used.
X4 Mode: Only PCIE0Tx[3:0]/PCIE0Tx[3:0] are used.
O
Diff PECL
PCIE0Rx[7:0]
PCIE0Rx[7:0]
PCIE1:2Rx[3:0]
PCIE1:2Rx[3:0]
PCI Express Serial Data Receive differential signals
LSB is 0.
X8 Mode: All PCIE0Rx[7:0]/PCIE0Rx[7:0] are used.
X4 Mode: Only PCIE0Rx[3:0]/PCIE0Rx[3:0] are used
I
Diff PECL
PCIE0:2AVREG
PCI Express Analog Observation point for internal
voltage regulator
O
PCIECalRP
PCIECalRN
Positive and negative inputs for a 1 Kohm ±1% PCI
Express External calibration resistor
I
PCIEPLLTSTON
Enable PCI Express PLL test modes.
I
PCI-X0 Interfaces
PCIX0Ack64/PCIX0ECC1
Ack64 or ECC1.
Normally used as Ack64 indicating that the target can
transfer data using 64 bits.
or
Used as ECC1 for PCIX mode 2.
I/O
3.3V PCI or
1.5V PCI for
mode 2
4
PCIX0AD63:00
Address/Data bus (bidirectional) for PCI-X0
I/O
3.3V PCI or
1.5V PCI for
mode 2
PCIX0BE7:0
PCI-X Byte Enables for PCI-X0
I/O
3.3V PCI or
1.5V PCI for
mode 2
PCIX0CalG0
PCIX0CalR0
Balls G and R for a 114 Ohm External calibration
resistor. Used to control PCI-X I/O Impedance at 57
Ohm.
INA
PCIX0Cap
Capable of PCI-X operation.
This analog input is sampled to configure PCI and
determine the state of the PCIX0VC output signal:
0.00VDD (0.0V) = Conventional PCI & PCIX0VC = 0
0.49VDD (1.0V) = PCI-X DDR 266 Mode 2 &
PCIX0VC = 1
0.75VDD (2.5V) = PCI-X 66 & PCIX0VC = 0
1.00VDD (3.3V) = PCI-X 133 & PCIX0VC = 0
INA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com