Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440SPE Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
59
Preliminary Data Sheet
Table 8. Package Thermal Specifications
Thermal resistance values for the PPC440SPe package in a convection environment are as follows:
Parameter
Symbol
Airflow ft/min (m/sec)
Unit
Notes
0 (0)
100 (0.51)
200 (1.02)
Junction-to-case thermal resistance
θ
JC
0.8
0.8
0.8
°C/W
1
Case-to-ambient thermal resistance (w/o heat sink)
θ
CA
15.5
13.1
11.9
°C/W
2
Range
Minimum
Maximum
Junction-to-ball (typical)
θ
JB
6.5
6.5
°C/W
3
Notes:
1. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board. For this part the junction
temperature and the case temperature are essentially identical.
2. The case-to-ambient thermal resistance is measured in a JEDEC JESD51-6 standard environment; and may not accurately
predict thermal performance in production equipment environments. The operational case temperature must be maintained.
3. 6.5 °C/W is the theoretical
θ
JB using an infinite heat sink. The larger number applies to the module mounted on a 1.8mm thick,
2P card using 1oz. copper power planes, with an effective heat transfer area of 75mm2.
Table 9. Recommended DC Operating Conditions (Sheet 1 of 3)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.425
+1.5
+1.575
V
4
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
4
PCI & PCI-X I/O Supply Voltage
PCI-X DDR mode 2
PxVDD
+3.0
+1.425
+3.3
+1.5
+3.6
+1.575
V4
Voltage Reference Input for PCI-X DDR Mode 2
PCIX0VRef0:1
+1.425
+1.5
+1.575
V
4
DDR1 SDRAM Supply Voltage (DDR400)
DDR2 SDRAM
SVDD
+2.3
+1.7
+2.5 (2.6)
+1.8
+2.7
+1.9
V4
Analog System and DDR PLL Supply Voltages
AxVDD
+1.4
+1.5
+1.6
V
3
Analog PCI Express PLL Supply voltage
APExVDD
+ 1.65
+2.5
+2.75
V
Analog PCI-X PLL Supply Voltages
APxVDD
+1.4
+1.5
+1.6
V
3
DDR1 SDRAM Reference Voltage
SVREF
+1.15
+1.25
+1.35
V
3
DDR2 SDRAM Reference Voltage
SVREF
0.49 x SVDD
0.50 x SVDD
0.51 x SVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com