Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440SPE Datasheet(PDF) 51 Page - Applied Micro Circuits Corporation

Part # PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Datasheet(HTML) 51 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 55Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
51
Preliminary Data Sheet
PCIX0Clk
Input PCI & PCI-X Clock.
Note:If the PCI-X interface is not being used, drive this
pin with a 3.3V clock signal at a frequency
between 1 and 66MHz
I
3.3V PCI
PCIX0DevSel
Indicates the driving device has decoded its address as
the target of the current access.
I/O
3.3V PCI
4
PCIX0ECC5:2
ECC check bits 5–2. All ECC bits are valid only for PCIX
DDR mode 2.
Note:See PCIXPar for ECC0.
See PCIXAck64 for ECC1.
See PCIXReq64 for ECC6.
See PCIXPar64 for ECC7.
I/O
3.3V PCI or
1.5V PCI for
mode 2
PCIX0Frame
Driven by the current master to indicate beginning and
duration of an access.
I/O
3.3V PCI
4
PCIX0Gnt0
PCIX0Gnt1:3
Indicates that the specified agent is granted access to
the PCI-X bus. When Arbitration is internal to the
PPC440SPe, all GRANTS Gnt0:3 are outputs. When
arbitration is external, only Gnt 0 is used as an Input.
I/O
O
3.3V PCI
4
PCIX0IDSel
Used as a chip select during configuration read and
write transactions. If the PCI-X is a Host, during
Configuration the ISDSEL is an Output that duplicates
the AD17. The ISDSEL is always 3.3V even in Mode 2
DDR
I/O
3.3V PCI
5
PCIX0INTA
Level sensitive PCI interrupt.
O
3.3V PCI
PCIX0IRDY
Indicates initiating agent’s ability to complete the current
data phase of the transaction.
I/O
3.3V PCI
4
PCIX0M66En
Capable of 66MHz operation.
I
3.3V PCI or
1.5V PCI for
mode 2
PCIX0Par/PCIX0ECC0
Even parity indicator or ECC0.
Normally used to indicate even parity across
PCIAD31:00 and BE3:0.
Used as ECC0 for PCIX0 mode 2.
I/O
3.3V PCI or
1.5V PCI for
mode 2
PCIX0Par64/PCIX0ECC7
Even parity indicator or ECC7.
Normally used to indicate even parity across
PCIXAD63:32 and BE7:4 for PCIX0
or
Used as ECC7 for PCIX0 mode 2.
I/O
3.3V PCI or
1.5V PCI for
mode 2
PCIX0PErr
Reports data parity errors during all PCI transactions
except a Special Cycle.
I/O
3.3V PCI
4
PCIX0Req0
PCIX0Req1:3
An indication to the PCI-X arbiter that the specified
agent wishes to use the bus.
When Arbitration is internal to the PPC440SPe, all
REQS Req0:3 are Inputs. When arbitration is external,
only Req 0 is used as an output.
I/O
I
3.3V PCI
4
Table 6. Signal Functional Description (Sheet 2 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com