Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 49Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 50Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 51Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 52Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 53Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 54Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 55Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 56Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Configuration Register
53/119
In the worst case scenario, the number of wait states is one clock cycle less than the latency
setting. Wait is asserted only once during a continuous burst access. See also Table 17:
Burst type definition.
CR9, CR7, CR6, CR5, CR4 and CR3 are reserved for future use.
Table 16.
Configuration Register
Bit
Description
Value
Description
CR15
Read Select
0
Synchronous read
1
Asynchronous read (default at power-on)
CR14-CR11
X latency
0011
3 Clock latency
0100
4 Clock latency
0101
5 Clock latency
0110
6 Clock latency
0111
7 Clock latency
1000
8 Clock latency
1001
9 Clock latency
1010
10 Clock latency
1011
11 Clock latency
1100
12 Clock latency
1101
13 Clock latency
1110
14 Clock latency
1111
15 Clock latency (default)
Other configurations reserved
CR10
Wait polarity
0
WAIT is active Low (default)
1
WAIT is active High
CR9
Reserved(1)
1.
Reserved bits should be cleared to ‘0’.
CR8
Wait
configuration
0
WAIT is active during wait state
1
WAIT is active one data cycle before wait state (default)1
CR7-CR3
Reserved(1)
CR2-CR0
Burst length
010
8 words (wrap only)
011
16 words (wrap only)
111
Continuous (default, no wrap only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com