Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 56Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 57Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 58Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 59Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 60Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 61Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 62Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 63Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 119 page
background image
Read modes
M58PR256LE, M58PR512LE, M58PR001LE
60/119
10.2
Synchronous burst read mode
In synchronous burst read mode the data is output in bursts synchronized with the clock. It is
possible to perform burst reads across bank boundaries.
Synchronous burst read mode can only be used to read the memory array. For other read
operations, such as read Status Register, read CFI, read electronic signature and read EFA,
single synchronous read or asynchronous random access read must be used.
In synchronous burst read mode, the flow of the data output depends on parameters that
are configured in the Configuration Register. A burst sequence starts at the first clock edge
after the falling edge of Latch Enable or Chip Enable, whichever occurs last. Addresses are
internally incremented and data is output on each data cycle after a delay which depends on
the X latency bits CR14-CR11 of the Configuration Register.
The number of words to be output during a synchronous burst read operation can be
configured as 8 words, 16 words or continuous (burst length bits CR2-CR0).
The Wait signal may be asserted to indicate to the system that an output delay will occur.
This delay depends on the starting address of the burst sequence and on the burst
configuration.
Wait is asserted during the X latency, the wait state, and at the end of an 8- and 16-word
burst. It is only de-asserted when output data is valid.
In continuous burst read mode, a wait state occurs when crossing the first 16-word
boundary if the start address is not 16-word aligned.
The Wait signal can be configured to be active Low or active High by setting CR10 in the
Configuration Register.
See Table 30: Synchronous read AC characteristics and Figure 12: Synchronous burst read
AC waveforms for details.
10.3
Single synchronous read mode
Single synchronous read operations are similar to synchronous burst read operations
except that the memory outputs the same data until the burst length requirements are
satisfied (according to Configuration Register bits CR2-CR0).
Single synchronous read operations are used to read the EFA, electronic signature, Status
Register, CFI, block protection status, Configuration Register status or Protection Register.
When the addressed bank is in read CFI, read Status Register or read electronic signature
mode, the Wait signal is asserted during the X latency, the wait state and at the end of a 4-,
8- and 16-word burst. It is only de-asserted when the output data is valid.
See Table 30: Synchronous read AC characteristics and Figure 12: Synchronous burst read
AC waveforms for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com