Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 41Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 42Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 43Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 44Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 45Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 46Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 47Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 48Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Program operations
45/119
5.3.3
Buffer enhanced factory program method
The buffer enhanced factory program method is based on the Buffer Enhanced Factory
Program command.
The buffer enhanced factory program method is supported by the program regions,
regardless of the program mode in which they are configured.
In this program method, the program region (1 Kbyte) must be completely filled, regardless
of the program mode used. If the size of the data to be written is less than 1 Kbyte, the
remaining addresses in the program region must be filled with FFFFh.
When using the buffer enhanced factory program method in a program region configured in
the control program mode, the addresses to be programmed must be located in the ’A’ half
of the program regions’ segments (A3 = 0) and the ’B’ half of the segments (A3 = 1) must be
filled only with FFFFh.
See Section 4: Command interface for a detailed description of the Buffer Enhanced Factory
Program command.
Table 12.
Program methods available with each program mode
Program mode
Program methods(1)
1.
X means available.
Single word
program
Buffered program
Buffer program
Buffer enhanced factory
Program
Control program mode
X
X
X
Object program mode
X
X
Table 13.
Relationships between program methods and program modes
Program region
status
Address bit A3
value
Program method
Buffered program
Single word program
Buffer
program
Buffer enhanced
factory program
Erased
A3 = 0 (’A’ half)
Program region configured in control
program mode
Program region
configured in control
program mode
A3 = 1 (’B’ half)
Program region configured in object
program mode
Not allowed.
Program aborted, Status
Register Error bits SR4
and SR9 set
Control program
mode
A3 = 0 (’A’ half) Program operation successful
A3 = 1 (’B’ half)
Not allowed.
Program aborted, Status Register Error bits SR4 and SR9 set
Object program
mode
A3 = 0 (’A’ half) Subsequent program not allowed.
Program aborted, Status Register Error bits SR4 and SR8 set
A3 = 1 (’B’ half)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com