Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 94 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 90Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 91Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 92Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 93Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 94Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 95Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 96Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 97Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
Common Flash interface
M58PR256LE, M58PR512LE, M58PR001LE
94/119
Table 44.
CFI query system interface information
Offset
Data
Description
Value
01Bh
0017h
VDD logic supply minimum program/erase or write voltage
bit 7 to 4 BCD value in volts
bit 3 to 0 BCD value in 100 millivolts
1.7 V
01Ch
0020h
VDD logic supply maximum program/erase or write voltage
bit 7 to 4 BCD value in volts
bit 3 to 0 BCD value in 100 millivolts
2V
01Dh
0085h
VPP [programming] supply minimum program/erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 millivolts
8.5 V
01Eh
0095h
VPP [programming] supply maximum program/erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 millivolts
9.5 V
01Fh
0006h
Typical timeout per single byte/word program = 2n µs
64 µs
020h
000Bh
Typical timeout for buffer program = 2n µs
2048 µs
021h
000Ah
Typical timeout per individual block erase = 2n ms
1 s
022h
0000h
Typical timeout for full chip erase = 2n ms
NA
023h
0002h
Maximum timeout for word program = 2n times typical
256 µs
024h
0002h
Maximum timeout for buffer program = 2n times typical
8192 µs
025h
0002h
Maximum timeout per individual block erase = 2n times typical
4 s
026h
0000h
Maximum timeout for chip erase = 2n times typical
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com