Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 38Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 39Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 40Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 41Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 42Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 43Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 44Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 45Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 119 page
background image
Program operations
M58PR256LE, M58PR512LE, M58PR001LE
42/119
5.2
Program modes
There are two program modes, which allow the Flash memory to store different types of
data: control program mode and object program mode.
5.2.1
Control program mode
The control program mode is best suited to the storage of small, dynamic information.
Typically such data is contained within one program region and it is frequently updated
and/or new data is added to it.
Program regions are configured in the control program mode by programming data only to
the ’A’ halves (bit A3= 0) of the segments they contain. The ’B’ halves of the segments must
remain erased, meaning that they should not contain any zeros (see Figure 5: Program
regions configured in control or object program mode).
In a program region of 1 Kbyte configured in the control program mode, only 512 bytes of
data can be stored.
When the program regions are configured in the control program mode, any program
method can be used: the single word or the buffered program methods.
Once a program region has been configured in the control program mode, if a zero is written
to a ’B’ half of one of its segments, the program operation is terminated and an error is
generated. The Status Register bits SR4 and SR9 are set to ‘1’. (Refer to Status Register
and to Table 13: Relationships between program methods and program modes for details.)
The program mode of a program region configured in the control program mode can only be
changed by first erasing the block that contains the program region.
5.2.2
Object program mode
The object program mode is best suited to the storage of large amounts of static
information. In a program region of 1 Kbyte configured in the object program mode, 1 Kbyte
of data can be stored.
When a program region is configured in the object program mode, it cannot be re-
programmed or have new data added without first erasing the entire block that contains the
program region.
Program regions are configured in the object program mode simply by programming at least
one bit in the ’B’ half (A3 = 1) of one of the segments they contain.
If the programmed data is smaller than 1 Kbyte, the unused space remains in the erased
state (all the bits set to FFFFh), but can no longer be used to program data. See Figure 5:
Program regions configured in control or object program mode.
When the program regions are configured in the object program mode, only the buffered
program methods can be used. If an attempt is made to use the single word program
method, the program operation is aborted and Status Register Error bits SR4 and SR8 are
set to ‘1’. (Refer to Status Register and to Table 13: Relationships between program
methods and program modes, for details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com