Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR001LE96ZB5 Datasheet(PDF) 95 Page - STMicroelectronics

Part # M58PR001LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE96ZB5 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button M58PR001LE96ZB5 Datasheet HTML 91Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 92Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 93Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 94Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 95Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 96Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 97Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 98Page - STMicroelectronics M58PR001LE96ZB5 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Common Flash interface
95/119
Table 45.
Device geometry definition
Offset
Data
Description
Value
027h
0019h
M58PR256LE device size = 2n in number of bytes
32 Mbytes
001Ah
M58PR512LE device size = 2n in number of bytes
64 Mbytes
001Bh
M58PR001LE device size = 2n in number of bytes
128 Mbytes
028h
029h
0001h
0000h
Flash device interface code description
x16
Async.
02Ah
02Bh
000Ah
0000h
Maximum number of bytes in multi-byte program or page = 2n
1024 bytes
02Ch
0001h
Number of identical sized erase block regions within the device
bit 7 to 0 = x = number of Erase block regions
1
02Dh
02Eh
007Fh
0000h
M58PR256LE erase block region 1 information
Number of identical-size erase blocks = 007Fh+1
127
00FFh
0000h
M58PR512LE erase block region 1 information
Number of identical-size erase blocks = 00FFh+1
255
01FFh
0000h
M58PR001LE erase block region 1 information
Number of identical-size erase blocks = 01FFh+1
511
02Fh
030h
0000h
0004h
Erase block region 1 information
Block size in region 1 = 0400h * 256 byte
256 Kbyte
031h
038h
Reserved Reserved for future erase block region information
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com