Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
35
MUTE MODES
The WM8580 has individual mutes for each of the three DAC channels. Setting DMUTE for a
channel will apply a ‘soft-mute’ to the input of the digital filters for that channel. DMUTE[0] mutes
DAC1 channel, DMUTE[1] mutes DAC2 channel and DMUTE[2] mutes DAC3 channel. Setting the
MUTEALL register bit will apply a 'soft-mute’ to the input of all the DAC digital filters. A soft-mute
allows the user to control the analog output of the DAC such that the output waveform is looks like
that shown in Figure 23.
The MUTE pin can also be used to apply soft-mute to the DAC selected by the DZFM register bits.
However, if the MPDENB register bit is set, the MUTE pin will activate a soft-mute for all DACs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
DMUTE[2:0]
000
DAC channel soft mute
enables:
DMUTE[0] = 1, enable soft-
mute on DAC1.
DMUTE[1] = 1, enable soft-
mute on DAC2.
DMUTE[2] = 1, enable soft-
mute on DAC3.
4
MUTEALL
0
DAC channel master soft mute.
Mutes all DAC channels:
0 = disable soft-mute on all
DACs.
1 = enable soft-mute on all
DACs.
R19
DAC Control 5
13h
7
MPDENB
0
MUTE pin decode enable:
0 = MUTE activates soft-mute
on DAC selected by DZFM
1 = MUTE activates softmute
on all DACs
Table 26 Mute Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com