Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
44
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
3:2
ADC_CLKSEL
00
ADC clock source
00 = ADCMCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R29
ADC
Control 1
1Dh
7:5
ADCRATE[2:0]
010
ADC Rate Control (only used when
the S/PDIF Transmitter is the only
interface sourcing the ADC)
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
Table 34 ADC Clock Control
S/PDIF INTERFACES
The TX_CLKSEL register selects the clock for the S/PDIF Transmitter from ADCMCLK, PLLACLK,
PLLBCLK, or MCLK. The S/PDIF Receiver only uses PLLACLK, but both PLLACLK and PLLBCLK
are unavailable in user mode when the S/PDIF receiver is active. If the digital routing has been
configured such that the S/PDIF Transmitter is sourcing the S/PDIF Receiver, then PLLACLK is
automatically selected.
The rate at which the S/PDIF Transmitter operates at is determined by the S/PDIF Transmitter Rate
module. It calculates the rate based on the digital routing setup. When sourcing from the S/PDIF
Receiver (default), the SFRM_CLK is used in the rate calculation. When sourcing from the PAIF
Receiver, PAIFRX_LRCLK is used in the rate calculation. When sourcing from the SAIF Receiver,
SAIFRX_LRCLK is used in the rate calculation. When sourcing the ADC, the rate is determined by
either the PAIFTX_LRCLK (if the PAIF Transmitter also sources the ADC) or the ADC_RATE
register.
Figure 28 S/PDIF Clock Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com