Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
4:3
PAIFRX_BCLKSEL
[1:0]
00
R10
PAIF 2
0Ah
4:3
PAIFTX_BCLKSEL
[1:0]
00
R11
SAIF 1
0Bh
4:3
SAIF_BCLKSEL
[1:0]
00
Master Mode BCLK Rate:
00 = 64 BCLKs per LRCLK
01 = 32 BCLKs per LRCLK
10 = 16 BCLKs per LRCLK
11 = BCLK = System Clock.
Table 15 Master Mode BCLK Control
AUDIO DATA FORMATS
Five popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I2S mode
•
DSP Mode A
•
DSP Mode B
All five formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
Audio Data for each stereo channel is time multiplexed with the interface’s Left-Right-Clock (LRCLK),
indicating whether the left or right channel is present. The LRCLK is also used as a timing reference
to indicate the beginning or end of the data words.
In Left Justified, Right Justified and I2S modes, the minimum number of BCLKs per LRCLK period is
2 times the selected word length. LRCLK must be high for a minimum of BCLK periods equivalent to
the audio word length, and low for minimum of the same number of BCLK periods. Any mark to
space ratio on LRCLK is acceptable provided these requirements are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com