Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
67
NON-AUDIO DETECTION
The SPDIF payload can contain PCM data for audio or non-audio applications. In the case where the
payload contains the 96 bit synchronization code defined in IEC61937 then this indicates that the
payload contains data which is not suitable for direct playback through an audio codec.This 96 bit
code is defined as 4*16bits of ‘0’+Pa (16bits)+Pb (16bits)..
If the SPDIFRx interface decodes this sync code then it sets the PCM_N bit.
When the PCM_N =1, then it indicates non-audio data. When the PCM_N =0, then it indicates that
the SPDIF payload does not contain the synch code..
Another status bit, AUDIO_N status is recovered from the Channel Status block.It is bit 1 of the
channel status. When AUDIO_N =0, then it indicates that the SPDIF payload contains audio PCM
encoded data. This is also referred to as linear PCM data.When the AUDIO_N= 1, then it indicates
that the SPDIF payload does not contain audio PCM data.
NON_AUDIO data is indicated by a logical OR of the AUDIO_N and PCM_N flags.
If DAC1 is sourcing the S/PDIF Receiver and either the AUDIO_N or PCM_N flags are asserted,
DAC1 is automatically muted using the soft mute feature. As described above, any change of
AUDIO_N or PCM_N status will cause an INT_N interrupt (UPD_NON_AUDIO) to be generated. If
the MASK register bit for AUDIO_N or PCM_N is set, then the associated signal will not generate an
interrupt (UPD_NON_AUDIO) but the DAC will be muted.
S/PDIF INPUT/ GPO PIN CONFIGURATION
The WM8580 has ten pins which can be configured as GPOs using the registers shown in Table 66.
The GPO pins can be used to output status data decoded by the S/PDIF receiver. These same pins
may be used as S/PDIF inputs as described in Table 55.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
GPO1OP[3:0]
0000
R38
GPO1
26h
7:4
GPO2OP[3:0]
0001
3:0
GPO3OP[3:0]
0010
R39
GPO2
27h
7:4
GPO4OP[3:0]
0011
3:0
GPO5OP[3:0]
0100
R40
GPO3
28h
7:4
GPO6OP[3:0]
0101
3:0
GPO7OP[3:0]
0110
R41
GPO4
29h
7:4
GPO8OP[3:0]
0111
3:0
GPO9OP[3:0]
1000
R42
GPO5
2Ah
7:4
GPO10OP
[3:0]
1001
0000 = INT_N
0001 = V
0010 = U
0011 = C
0100 = P
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = CSUD
1001 = Invalid
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (CMOS-compatible
input). Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for
AC coupled consumer S/PDIF signals). Only applicable
for GPO3/4/5
Table 66 GPO Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com