Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
74
MUTE
DESCRIPTION
0
Normal Operation
1
Mute DAC channels
Floating
MUTE is an output to indicate when Zero Detection occurs on all DACs
(ZFLAG).
H = detected, L = not detected.
Table 74 MUTE Pin Control Options
PRIMARY AUDIO INTERFACE (TX) MASTER MODE CONTROL
In Hardware Control Mode, the SDIN pin is used to enable the master mode function on the Primary
Audio Interface transmitter. This has the same operation as the PAIFTX_MS register bit. The
PAIFTX_RATE default settings of 256fs, and 64 BCLKs/LRCLK for BCLKSEL, are used in Hardware
Control Mode. See section headed “DIGITAL AUDIO INTERFACES” for more information on master
mode operation.
SDIN
AUDIO INTERFACE (TX)
0
Slave
1
Master
Table 75 Audio Interface (Transmitter) Master Mode Hardware Mode Control
S/PDIF ERROR HANDLING
Should the incoming S/PDIF sub-frame contain a parity error or a bi-phase encoding error, it is
assumed the sub-frame has become corrupted. Similarly, if VALIDITY is detected as 1, it is assumed
the data within the S/PDIF frame is invalid. Under these conditions, the S/PDIF Receiver repeats the
last valid sample in place of the corrupted/invalid samples. (Note: For the S/PDIF receiver to S/PDIF
transmitter path, only VALIDITY errors will cause data to be overwritten – parity and bi-phase errors
have will not cause data to be overwritten).
POWERDOWN CONTROL
In Software Control Mode, the chip is powered-down by default. In Hardware Control Mode, the chip
is powered-up by default but can be powered down by setting the ALLPD(MFP7) input high. (Note
that in Software Control Mode, this pin takes the function of SAIF_LRCLK or GPO7).
ALLPD (MFP7)
0
1
Powerup
Powerdown
Table 76 Hardware Mode Powerdown Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com