Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFTV Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
56
. . . . . . . . .
Frame
192
Frame
1
Subframe 1
Subframe 2
Sync
preamble
Aux
V
U
C
P
Audio Sample Word
3 4
7 8
27 28
0
31
32 bit
Word
Figure 33 S/PDIF Format
S/PDIF TRANSMITTER
The S/PDIF transmitter generates the S/PDIF frames, and outputs on the SPDIFOP pin. The audio
data for the frame can be taken from one of four sources, selectable using the TXSRC register. The
transmitter can be powered down using the SPDIFTXD register bit. The S/PDIF Transmitter can be
bypassed by setting the REAL_THROUGH register control bit. When set, the SPDIFOP pin sources
the output of the S/PDIF input mux.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
TXSRC[1:0]
00
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Overwrite Channel Status
Only used if TXSRC=00. Overwrites the received channel
status data using data read from S/PDIF transmitter
channel status register
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux
4
TXVAL_
OVWR
0
S/PDIF Transmitter Validity Overwrite Mode
0 = disabled, validity bit is 0 when transmitter sources
ADC, PAIF or SAIF, or is matches the S/PDIF input
validity when S/PDIF transmitter sources S/PDIF receiver.
1 = enabled, validity bit transmitted for subframe 0 is
defined by TXVAL_SF0, validity bit transmitted for
subframe 1 is defined by TXVAL_SF1.
5
TXVAL_SF0
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 0
0 = transmit validity = 0
1 = transmit validity = 1
R30
SPDTXCHAN 0
1Eh
6
TXVAL_SF1
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 1
0 = transmit validity = 0
1 = transmit validity = 1
R51
PWRDN 2
33h
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
Table 49 S/PDIF Transmitter Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com