Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25ADFG Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 39Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 40Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 41Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 42Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 43Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 44Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 194 page
background image
Page 31
TMP86CS25ADFG
2.3 Reset Circuit
The TMP86CS25ADFG has four types of reset generation procedures: An external reset input, an address trap
reset, a watchdog timer reset and a system clock reset. Of these reset, the address trap reset, the watchdog timer and
the system clock reset are a malfunction reset. When the malfunction reset request is detected, reset occurs during
the maximum 24/fc[s].
The malfunction reset circuit such as watchdog timer reset, address trap reset and system clock reset is not initial-
ized when power is turned on. Therefore, reset may occur during maximum 24/fc[s] (1.5
µs at 16.0 MHz) when
power is turned on.
Table 2-3 shows on-chip hardware initialization by reset action.
2.3.1 External Reset Input
The RESET pin contains a Schmitt trigger (Hysteresis) with an internal pull-up resistor.
When the RESET pin is held at “L” level for at least 3 machine cycles (12/fc [s]) with the power supply volt-
age within the operating voltage range and oscillation stable, a reset is applied and the internal state is initial-
ized.
When the RESET pin input goes high, the reset operation is released and the program execution starts at the
vector address stored at addresses FFFEH to FFFFH.
Figure 2-15 Reset Circuit
Table 2-3 Initializing Internal Status by Reset Action
On-chip Hardware
Initial Value
On-chip Hardware
Initial Value
Program counter
(PC)
(FFFEH)
Prescaler and divider of timing generator
0
Stack pointer
(SP)
Not initialized
General-purpose registers
(W, A, B, C, D, E, H, L, IX, IY)
Not initialized
Jump status flag
(JF)
Not initialized
Watchdog timer
Enable
Zero flag
(ZF)
Not initialized
Output latches of I/O ports
Refer to I/O port circuitry
Carry flag
(CF)
Not initialized
Half carry flag
(HF)
Not initialized
Sign flag
(SF)
Not initialized
Overflow flag
(VF)
Not initialized
Interrupt master enable flag
(IMF)
0
Interrupt individual enable flags
(EF)
0
Control registers
Refer to each of control
register
Interrupt latches
(IL)
0
LCD data buffer
Not initialized
RAM
Not initialized
Internal reset
RESET
VDD
Malfunction
reset output
circuit
Watchdog timer reset
Address trap reset
System clock reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com