Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25ADFG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 8Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 9Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 10Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 11Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 194 page
background image
Page 2
1.1 Features
TMP86CS25ADFG
Programmable pulse generation (PPG) modes
8. 8-bit UART/SIO : 1 ch
9. 8-bit SIO: 1 ch
10. 8-bit successive approximation type AD converter (with sample hold)
Analog inputs: 8ch
11. Key-on wakeup : 4 ch
12. LCD driver/controller
Built-in voltage booster for LCD driver With displaymemory
LCD direct drive capability (60 seg
× 16 com, 60 seg × 8 com, 60 seg × 4 com)
1/16,1/8,1/4 duties or static drive are programmably selectable
13. Clock operation
Single clock mode
Dual clock mode
14. Low power consumption operation
STOP mode: Oscillation stops. (Battery/Capacitor back-up.)
SLOW1 mode: Low power consumption operation using low-frequency clock.(High-frequency clock
stop.)
SLOW2 mode: Low power consumption operation using low-frequency clock.(High-frequency clock
oscillate.)
IDLE0 mode: CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using high fre-
quency clock. Release by falling edge of the source clock which is set by TBTCR<TBTCK>.
IDLE1 mode: CPU stops and peripherals operate using high frequency clock. Release by interru-
puts(CPU restarts).
IDLE2 mode: CPU stops and peripherals operate using high and low frequency clock. Release by inter-
ruputs. (CPU restarts).
SLEEP0 mode: CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using low fre-
quency clock.Release by falling edge of the source clock which is set by TBTCR<TBTCK>.
SLEEP1 mode: CPU stops, and peripherals operate using low frequency clock. Release by interru-
put.(CPU restarts).
SLEEP2 mode: CPU stops and peripherals operate using high and low frequency clock.
Release by
interruput.
15. Wide operation voltage:
4.5 V to 5.5 V at 16.0MHz /32.768 kHz
2.7 V to 5.5 V at 8.0 MHz /32.768 kHz
1.8 V to 5.5 V at 4.2MHz /32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com