Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25ADFG Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 42Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 43Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 44Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 194 page
background image
Page 36
3. Interrupt Control Circuit
3.2 Interrupt enable register (EIR)
TMP86CS25ADFG
Interrupt latches are not set to “1” by an instruction.
Since interrupt latches can be read, the status for interrupt requests can be monitored by software.
Note: In main program, before manipulating the interrupt enable flag (EF) or the interrupt latch (IL), be sure to clear IMF to
"0" (Disable interrupt by DI instruction). Then set IMF newly again as required after operating on the EF or IL
(Enable interrupt by EI instruction)
In interrupt service routine, because the IMF becomes "0" automatically, clearing IMF need not execute normally on
interrupt service routine. However, if using multiple interrupt on interrupt service routine, manipulating EF or IL
should be executed before setting IMF="1".
3.2 Interrupt enable register (EIR)
The interrupt enable register (EIR) enables and disables the acceptance of interrupts, except for the non-maskable
interrupts (Software interrupt, undefined instruction interrupt, address trap interrupt and watchdog interrupt). Non-
maskable interrupt is accepted regardless of the contents of the EIR.
The EIR consists of an interrupt master enable flag (IMF) and the individual interrupt enable flags (EF). These
registers are located on address 003AH and 003BH in SFR area, and they can be read and written by an instructions
(Including read-modify-write instructions such as bit manipulation or operation instructions).
3.2.1 Interrupt master enable flag (IMF)
The interrupt enable register (IMF) enables and disables the acceptance of the whole maskable interrupt.
While IMF = “0”, all maskable interrupts are not accepted regardless of the status on each individual interrupt
enable flag (EF). By setting IMF to “1”, the interrupt becomes acceptable if the individuals are enabled. When
an interrupt is accepted, IMF is cleared to “0” after the latest status on IMF is stacked. Thus the maskable inter-
rupts which follow are disabled. By executing return interrupt instruction [RETI/RETN], the stacked data,
which was the status before interrupt acceptance, is loaded on IMF again.
The IMF is located on bit0 in EIRL (Address: 003AH in SFR), and can be read and written by an instruction.
The IMF is normally set and cleared by [EI] and [DI] instruction respectively. During reset, the IMF is initial-
ized to “0”.
3.2.2 Individual interrupt enable flags (EF15 to EF4)
Each of these flags enables and disables the acceptance of its maskable interrupt. Setting the corresponding
bit of an individual interrupt enable flag to “1” enables acceptance of its interrupt, and setting the bit to “0” dis-
ables acceptance. During reset, all the individual interrupt enable flags (EF15 to EF4) are initialized to “0” and
all maskable interrupts are not accepted until they are set to “1”.
Note:In main program, before manipulating the interrupt enable flag (EF) or the interrupt latch (IL), be sure to clear
IMF to "0" (Disable interrupt by DI instruction). Then set IMF newly again as required after operating on the EF
or IL (Enable interrupt by EI instruction)
In interrupt service routine, because the IMF becomes "0" automatically, clearing IMF need not execute nor-
Example 1 :Clears interrupt latches
DI
; IMF
← 0
LDW
(ILL), 1110100000111111B
; IL12, IL10 to IL6
← 0
EI
; IMF
← 1
Example 2 :Reads interrupt latchess
LD
WA, (ILL)
; W
← ILH, A ← ILL
Example 3 :Tests interrupt latches
TEST
(ILL). 7
; if IL7 = 1 then jump
JR
F, SSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com