Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25ADFG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 194 page
background image
Page 59
TMP86CS25ADFG
5.6 Port P7 (P77 to P70)
Port P7 is an 8-bit input/output port which is also used as an external interrupt input, a divider output a segment
pins of LCD.
When used as input port or a secondary function pins, the respective output latch (P7DR) should be set to “1”.
During reset, the P7DR is initialized to “1”.
When used as a segment pins of LCD, the respective bit of P7LCR should be set to “1”. When used as an output
port, the respective P7LCR bit should be set to “0”.
P7 port output latch (P7DR) and P7 port terminal input (P7PRD) are located on their respective address.
When read the output latch data, the P7DR should be read and when read the terminal input data, the P7PRD reg-
ister should be read. If the terminal input data which is configured as LCD segment output is read, unstable data is
read.
Figure 5-7 Port 7
Note: With ports assigned as MUL6 to MUL0, assigned pins can be switched by the multi function register (MULSEL). The
assigned functions are shown in “5.7 Multi Function Register”.
P7DR
(0007H)
R/W
76
543
21
0
P77
COM15
SCK1
P76
COM14
SO0
P75
COM13
SI1
P74
COM12
MUL3
P73
COM11
MUL2
P72
COM10
MUL1
P71
COM9
MUL0
P70
COM8
(Initial value: 1111 1111)
P7LCR
(002BH)
76
543
21
0
(Initial value: 0000 0000)
P7LCR
Port P7/segment output select
(set for each bit individually)
0: P7 input/Output port
1: segment output
R/W
P7PRD
(000DH)
Read only
76
543
21
0
P77
P76
P75
P74
P73
P72
P71
P70
Output latch
P7LCRi
Data output (P7DR)
Output latch data (P7DR)
LCD data output
Control input
Terminal input (P7PRD)
STOP
OUTEN
Control output
P7LCRi input
P7i
Note: i = 7 to 0
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com