Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25ADFG Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 83Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 194 page
background image
Page 71
TMP86CS25ADFG
7.2 Divider Output (DVO)
Approximately 50% duty pulse can be output using the divider output circuit, which is useful for piezoelectric
buzzer drive. Divider output is from DVO pin.
7.2.1 Configuration
Figure 7-3 Divider Output
7.2.2 Control
The Divider Output is controlled by the Time Base Timer Control Register.
Note: Selection of divider output frequency (DVOCK) must be made while divider output is disabled (DVOEN="0"). Also, in other
words, when changing the state of the divider output frequency from enabled (DVOEN="1") to disable(DVOEN="0"), do not
change the setting of the divider output frequency.
Time Base Timer Control Register
76
5
4
3
2
1
0
TBTCR
(0036H)
DVOEN
DVOCK
(DV7CK)
(TBTEN)
(TBTCK)
(Initial value: 0000 0000)
DVOEN
Divider output
enable / disable
0: Disable
1: Enable
R/W
DVOCK
Divider Output (DVO)
frequency selection: [Hz]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2
SLEEP1/2
Mode
R/W
DV7CK = 0
DV7CK = 1
00
fc/213
fs/25
fs/25
01
fc/212
fs/24
fs/24
10
fc/211
fs/23
fs/23
11
fc/210
fs/22
fs/22
TBTCR
Output latch
Port output latch
MPX
DVOEN
TBTCR<DVOEN>
DVO pin output
DVOCK
Divider output control register
(a) configuration
(b) Timing chart
Data output
2
A
B
C
Y
D
S
D
Q
DVO pin
fc/213 or fs/25
fc/212 or fs/24
fc/211 or fs/23
fc/210 or fs/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com