Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 4 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 4 Page - Littelfuse

  2016L100/33 Datasheet HTML 1Page - Littelfuse 2016L100/33 Datasheet HTML 2Page - Littelfuse 2016L100/33 Datasheet HTML 3Page - Littelfuse 2016L100/33 Datasheet HTML 4Page - Littelfuse 2016L100/33 Datasheet HTML 5Page - Littelfuse 2016L100/33 Datasheet HTML 6Page - Littelfuse 2016L100/33 Datasheet HTML 7Page - Littelfuse 2016L100/33 Datasheet HTML 8Page - Littelfuse 2016L100/33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
0805L Series
Specifications are subject to change without notice.
5
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Surface Mount
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE(SEE TABLE BELOW)
QUANTITY CODE: W=3000 Y=4000
R: Tape & Reel
0805 L 100 W R
SERIES
Packaging
Dimensions
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min. Min Max. Min. Max.
0805L010
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.02
0.04
0.55
1.00
0.01
0.20 0.004 0.02
0.10
0.45
0805L020
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.02
0.04
0.55
1.00
0.01
0.20 0.004 0.02
0.10
0.45
0805L035
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.02
0.03
0.45
0.75
0.01
0.20 0.004 0.02
0.10
0.45
0805L050
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.03
0.05
0.75
1.25
0.01
0.20 0.004 0.02
0.10
0.45
0805L075
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.03
0.05
0.75
1.25
0.01
0.20 0.006 0.02
0.15
0.45
0805L100
0.08
0.09
2.00
2.20
0.05
0.06
1.20
1.50
0.03
0.07
0.80
1.80
0.01
0.20 0.006 0.02
0.15
0.45
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.50 mm
(.059)
1.20 mm
(.047)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
SHOWN IS 1.0AMP RATING
E
A
B
N
I
hold
(A)
I
hold Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.10
010
TapeandReel
4000
YR
0.20
020
TapeandReel
4000
YR
0.35
035
TapeandReel
4000
YR
0.50
050
TapeandReel
3000
WR
0.75
075
TapeandReel
3000
WR
1.00
100
TapeandReel
3000
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com