Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 57 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 57 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 53Page - Littelfuse 2016L100/33 Datasheet HTML 54Page - Littelfuse 2016L100/33 Datasheet HTML 55Page - Littelfuse 2016L100/33 Datasheet HTML 56Page - Littelfuse 2016L100/33 Datasheet HTML 57Page - Littelfuse 2016L100/33 Datasheet HTML 58Page - Littelfuse 2016L100/33 Datasheet HTML 59Page - Littelfuse 2016L100/33 Datasheet HTML 60Page - Littelfuse 2016L100/33 Datasheet HTML 61Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
58
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Soldering Parameters - Wave Soldering
Condition
WaveSoldering
Peak Temp/ Duration Time
260°C<5Sec
> 220°C
2Sec~20Sec
Preheat 140°C~ 180°C
180Sec~210Sec
Storage Condition
0°C~35°C,<70%RH
•Recommendedsolderingmethods:heatelementovenor
N
2environmentforlead-free
•Devicesaredesignedtobewavesolderedtothebottom
sideoftheboard.
•Devicescanbecleanedusingstandardindustrymethods
andsolvents.
•Thisprofilecanbeusedforlead-freedevice
Note:Ifsolderingtemperaturesexceedtherecommended
profile,devicesmaynotmeettheperformance
requirements.
Preheating
160
190
220
260
0
2 to 5
Soldering
Cooling
20-30
180 to 210
Time(s)
Protection Application Guide
Region/Specification
Application
Device Selection
NorthAmerica
TelcordiaGR-1089
*Accessnetworkequipment
Remoteterminal
Repeaters
WANequipment
Cross-connect
600R150
600R160
NorthAmerica
TIA-968-A,UL60950
CustomerandITequipment
Analogmodems
ADSL,XDSLmodems
Phonesets,PBXsystems
Internetappliances
POSterminals
600R150
600R160
NorthAmerica
TelcordiaGR-1089
CentralOffice
POTS/ISDNlinecards
T1/E1/J1linecards
ADSL/VDSLsplitters
CSU/DSU
600R150
600R160
NorthAmerica
TelcordiaGR-1089
*Intrabuildingcommunicationsystems
LAN,VOIPcards
Localloophandsets
600R150
600R160
SouthAmerica/Asia/Europe
ITUK.20andK.21
*Resistancebinnedpartsarerecommended
00R Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com