Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 55 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 55 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 51Page - Littelfuse 2016L100/33 Datasheet HTML 52Page - Littelfuse 2016L100/33 Datasheet HTML 53Page - Littelfuse 2016L100/33 Datasheet HTML 54Page - Littelfuse 2016L100/33 Datasheet HTML 55Page - Littelfuse 2016L100/33 Datasheet HTML 56Page - Littelfuse 2016L100/33 Datasheet HTML 57Page - Littelfuse 2016L100/33 Datasheet HTML 58Page - Littelfuse 2016L100/33 Datasheet HTML 59Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
5
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
•The600Rseriesisdesignedtoprotectagainstpower
faulteventstypicallyfoundintelecomapplications.
Thisseriesisdesignedtobeusedinapplicationsthat
needtomeettherequirementsofGR-1089-COREand
UL60950/EN60950/IEC60950.Theseresettabledevices
alsohelptomeettherequirementsofITUK.20,K.21and
K.44.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
600R150
0.15
0.30
600
3
1.00
5.0
8.0
6
12
22
X
X
600R150-RA
0.15
0.30
600
3
1.00
5.0
7.5
7
10
20
X
X
600R150-RB
0.15
0.30
600
3
1.00
4.5
-
9
12
22
X
X
600R160
0.16
0.32
600
3
1.00
7.5
18
4
10
18
X
X
600R160-RA
0.16
0.32
600
3
1.00
9.5
-
4
7
16
X
X
600R160-R1
0.16
0.32
600
3
1.00
9.0
-
4
8
17
X
X
Description
Features
Applications
•RoHScompliantand
lead-free
•Fasttime-to-trip
•Binnedandsortednarrow
resistancerangesavailable
•0.15–0.16AHoldcurrent
range,60VDCoperating
voltage
•600VACinterruptrating
Secondaryovercurrent
protectionfor:
•CentralOffice
Equipment(CO)
•CustomerPremises
Equipment(CE)
•AlarmSystems
•SetTopBoxes(STB)
•VoiceoverIP(VOIP)
•SubscriberLineInterface
Circuit(SLIC)
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
60°C
85°C
Part Number
Hold Current (A)
600R150
0.26
0.23
0.19
0.15
0.124
0.062
0.03
600R160
0.27
0.24
0.20
0.16
0.13
0.07
0.05
Temperature Rerating
600R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521
00R Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com