Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 72 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 72 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 66Page - Littelfuse 2016L100/33 Datasheet HTML 67Page - Littelfuse 2016L100/33 Datasheet HTML 68Page - Littelfuse 2016L100/33 Datasheet HTML 69Page - Littelfuse 2016L100/33 Datasheet HTML 70Page - Littelfuse 2016L100/33 Datasheet HTML 71Page - Littelfuse 2016L100/33 Datasheet HTML 72Page - Littelfuse 2016L100/33 Datasheet HTML 73Page - Littelfuse 2016L100/33 Datasheet HTML 74Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Environmental Specifications
Operating/Storage
Temperature
-40°Cto+85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C,1000hours
±5%typicalresistancechange
Humidity Aging
+85°C,85%R.H.1000hours
±5%typicalresistancechange
Thermal Shock
+85°Cto-40°C10times
±5%typicalresistancechange
Solvent Resistance
MIL-STD-202,Method215F
Physical Specifications
Lead Material
.90-2.50A:Tin-platedcoppercladsteel
.75A:Tin-platedcopper
Soldering
Characteristics
SolderabilityperMIL-STD-202,
Method208E
Insulating Material
Cured,flameretardantepoxypolymer
meetsUL94V-0requirements.
Device Labeling
MarkedwithLF,voltage,currentrating,
anddatecode.
Soldering Parameters - Wave Soldering
Pre-Heating Zone
Refertothecondition
recommendedbythe
fluxmanufacturer.
Max.rampingrate
shouldnotexceed
4°C/Sec.
Soldering Zone
Max.soldertemperature
shouldnotexceed
260°C
Cooling Zone
Coolingbynatural
convectioninair.
Preheating
160
190
220
260
0
5 max.
Soldering
Cooling
60 min.
Time(s)
USBR Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com