Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 73 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 73 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 66Page - Littelfuse 2016L100/33 Datasheet HTML 67Page - Littelfuse 2016L100/33 Datasheet HTML 68Page - Littelfuse 2016L100/33 Datasheet HTML 69Page - Littelfuse 2016L100/33 Datasheet HTML 70Page - Littelfuse 2016L100/33 Datasheet HTML 71Page - Littelfuse 2016L100/33 Datasheet HTML 72Page - Littelfuse 2016L100/33 Datasheet HTML 73Page - Littelfuse 2016L100/33 Datasheet HTML 74Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
74
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Part
Number
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Figure
Max.
Max.
Max.
Max.
Typ.
Typ.
Min.
Min.
Max.
Max. Inches
mm
06R075B
0.27
6.9
0.45
11.4
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/Cu
1
06R120B
0.27
6.9
0.46
11.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
1
06R155B
0.27
6.9
0.46
11.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
1
16R090B
0.29
7.4
0.48
12.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R110B
0.29
7.4
0.56
14.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R135B
0.35
8.9
0.53
13.5
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R160B
0.35
8.9
0.60
15.2
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R185B
0.40
10.2
0.62
15.7
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
16R250B
0.45
11.4
0.72
18.3
0.20
5.1
0.30
7.6
0.12
3
0.020
0.51
Sn/CuFe
2
Dimensions (mm)
Figure 2
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Part Marking System
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
MARKING
A
E
B
C
D
16
135B
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Single Sided Marking
1.35A to 2.50A
Double Sided Marking
0.90A to 1.10A
Top Side
Bottom Side
16
110U
Voltage Rating
Current Rating
Littelfuse
Trademark
16
XXXX
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Figure 1
Figure 2
A
C
B
D
MARKING
06
075B
06
XXXX
Double Sided Marking
0.75A to 1.55A
Top Side
Bottom Side
Voltage Rating
Current Rating
Littelfuse
Trademark
Voltage Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
USBR Series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com