Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016L100/33 Datasheet(PDF) 49 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 49 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 45Page - Littelfuse 2016L100/33 Datasheet HTML 46Page - Littelfuse 2016L100/33 Datasheet HTML 47Page - Littelfuse 2016L100/33 Datasheet HTML 48Page - Littelfuse 2016L100/33 Datasheet HTML 49Page - Littelfuse 2016L100/33 Datasheet HTML 50Page - Littelfuse 2016L100/33 Datasheet HTML 51Page - Littelfuse 2016L100/33 Datasheet HTML 52Page - Littelfuse 2016L100/33 Datasheet HTML 53Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse
50
Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
50R Series
Specifications are subject to change without notice.
•The250Rseriesisdesignedtoprotectagainstshort
durationhighvoltagefaultcurrents(powercrossor
powerinductionsurge)typicallyfoundintelecom
applications(250Vrms).Theseriescanbeusedtohelp
telecomnetworkingequipmentmeettheprotection
requirementsspecifiedinITUK.20andK.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
250R080T
0.08
0.16
250/60
3
1
0.35
3
15
22
33
X
X
250R080
0.08
0.16
250/60
3
1
0.35
3
14
22
33
X
X
250R120
0.12
0.24
250/60
3
1
1
1.5
4
8
16
X
X
250R120-RA
0.12
0.24
250/60
3
1
1
1.0
7
9
16
X
X
250R120-RC
0.12
0.24
250/60
3
1
1
0.85
5.4
7.5
14
X
X
250R120-RF
0.12
0.24
250/60
3
1
1
0.7
6
10.5
16
X
X
250R120-R1
0.12
0.24
250/60
3
1
1
0.8
6
9
16
X
X
250R120-R2
0.12
0.24
250/60
3
1
1
0.7
8
10.5
16
X
X
250R120-R3
0.12
0.24
250/60
3
1
1
1
8
10
16
X
X
250R120T
0.12
0.24
250/60
3
1
1
1.2
7
12
16
X
X
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
X
X
250R145-RA
0.145
0.29
250/60
3
1
1
5
3
5.5
12
X
X
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
X
X
250R145T
0.145
0.29
250/60
3
1
1
2.0
5.4
7.5
14
X
X
250R180
0.18
0.65
250/60
10
1.8
1
21
0.8
2.2
4
X
X
250R180T
0.18
0.65
250/60
10
1.8
1
20
1.4
3.9
4.5
X
X
*typicalvalue
C:coateddevice
T:pre-trippeddevice
Description
Features
Applications
•RoHScompliantand
lead-free
•Fasttime-to-trip
•Binnedandsortednarrow
resistancerangesavailable
•0.08–0.18Holdcurrent
range,60VDCoperating
voltage
•250VACinterruptrating
•CustomerPremises
Equipment(CPE)
•CentralOffice(CO)/
TelecomCenters
•LAN/WANEquipment
•Accessequipment
250R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com