Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5051MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
Pin #
Name
Function
8
GATE
Connection to the external MOSFET Gate.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
LINE Pin to INP/VSS
-0.3V to 103V
INN Pin to INP/VSS
-2V to 103V
OFF Pin to INP/VSS
-0.3V to 7V
VCC Pin Sink to INP/VSS
-0.1mA to 20mA
nFGD Pin to INP/VSS (Off)
-0.3V to 7V
Storage Temperature Range
−65°C to 150°C
ESD (HBM) (2)
±2 kV
Peak Reflow Temperature (3)
260°C, 30sec
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see Electrical Characteristics.
(2)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable test standard is
JESD-22-A114-C.
(3)
For soldering specifications see the LM5051 Product Folder at www.national.com, general information at
www.national.com/analog/packaging/, and reflow information at www.national.com/ms/MS/MS-SOLDERING.pdf .
Operating Ratings
(1)
Relative to VSS pin
LINE Pin Voltage
36V to 100V
INN Pin Voltage
-1V to 100V
VCC Pin Current
1 mA to 10 mA
OFF Pin Voltage
0.0V to 5.0V
nFGD Voltage (Off)
0.0V to 5.0V
nFGD Sink Current (On)
0 mA to 2 mA
Junction Temperature Range (TJ)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see Electrical Characteristics.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com