Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PS1
PS2
INN
GATE INP/VSS
INN
GATE INP/VSS
RLOAD
LM5051
LM5051
LINE
LINE
VCC
VCC
PS1
PS2
RLOAD
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
Systems that require high availability often use multiple, parallel-connected redundant power supplies to improve
reliability. Schottky OR-ing diodes are typically used to connect these redundant power supplies to a common
point at the load. The disadvantage of using OR-ing diodes is the forward voltage drop, which reduces the
available voltage, and the associated power losses as load currents increase. Using an N-channel MOSFET to
replace the OR-ing diode requires a small increase in the level of complexity, but reduces, or eliminates, the
need for diode heat sinks or large thermal copper area in circuit board layouts for high power applications.
Figure 26. Traditional OR-ing with Diodes
The LM5051 is a negative voltage (i.e. low-side) OR-ing controller that will drive an external N-channel MOSFET
to replace an OR-ing diode. The voltage across the MOSFET source and drain pins is monitored by the LM5051
at the IN and OUT pins, while the GATE pin drives the MOSFET to control its operation based on the monitored
source-drain voltage. The resulting behavior is that of an ideal rectifier with source and drain pins of the
MOSFET acting as the anode and cathode pins of a diode respectively.
Figure 27. OR-ing with MOSFETs
INP/VSS PINS
The INP input is internally connected to the both device pin 5 and 7. Typical applications will use device pin 7
only, with a single common connection to the source connection of the N-Channel MOSFET array.
If pins 5 and 7 are both used, it is recommended that the two pins be externally connected together at the
package, with a single common connection routed to the source connection of the N-Channel MOSFET array.
Current should not be allowed flow through the internal connection between pin 5 and pin 7.
INN and GATE PINS
When power is initially applied, the load current will flow from source to drain through the body diode of the
MOSFET. The resulting voltage across the body diode will be detected across the LM5051 INN and INP/VSS
pins which then begins charging the MOSFET gate through a 0.66 mA (typical) current source.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com