Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
20
30
40
50
60
70
80
90 100
4
5
6
7
8
9
10
11
12
13
14
VLINE(V)
+125°C
+25°C
-40°C
20
30
40
50
60
70
80
90 100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VLINE(V)
-40°C
+25°C
+125°C
-50
-25
0
25
50
75
100 125
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
TEMPERATURE (°C)
Voff Falling
Voff Rising
-50
-25
0
25
50
75
100 125
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
TEMPERATURE (°C)
Ivcc = 10 mA
Ivcc = 2mA
-50
-25
0
25
50
75
100 125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
TEMPERATURE (°C)
Cgate = 47 nF
Cgate = 10 nF
-50
-25
0
25
50
75
100 125
-400
-350
-300
-250
-200
-150
-100
-50
0
TEMPERATURE (°C)
Vsd(tst) Rising Threshold
Vsd(tst) Falling Threshold
LM5051
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise stated: All conditions and measurements are referenced to device pin 7 (INP/VSS), VLINE = 48V, VOFF =
0.0V, VINN = -150 mV, CVCC = 0.1 µF, CGATE = 47 nF, and TJ = 25°C
Gate Charge Time
VSD(TST) Thresholds
vs
vs
Temperature, VGATE= 0.0V to 5.5V
Temperature
Figure 14.
Figure 15.
OFF Thresholds
VZ
vs
vs
Temperature
Temperature, VINN= –100 mV
Figure 16.
Figure 17.
VZ
ILINE
vs
vs
VLINE, VINN= –100 mV
VLINE
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com