Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5051MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
-48V
-VOUT
INP/VSS
OFF
INN
GATE
LM5051
Shutdown
GND
GND
nFGD
Status
VCC
LINE
+
LOAD
-
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
LM5051 Low Side OR-ing FET Controller
Check for Samples: LM5051
1
FEATURES
DESCRIPTION
The LM5051 Low Side OR-ing FET Controller
2
•
Wide operating input voltage range: -6V to -
operates in conjunction with an external MOSFET as
100V
an ideal diode rectifier when connected in series with
•
-100V Transient Capability
a power source. This OR-ing controller allows
•
Gate drive for external N-Channel MOSFET
MOSFETs to replace diode rectifiers in power
distribution networks thus reducing both power loss
•
MOSFET diagnostic test mode
and voltage drops.
•
Fast 50ns response to current reversal
The LM5051 controller provides gate drive for an
•
2A peak gate turn-off current
external N-Channel MOSFET and a fast response
•
Package: 8-Lead SOIC
comparator to turn off the FET when current flows in
the reverse direction. The LM5051 can connect
APPLICATIONS
power supplies ranging from -6V to -100V and can
withstand transients up to -100V.
•
Active OR-ing of Redundant (N+1) Power
Supplies
The LM5051 also provides a FET test diagnostic
mode which allows the system controller to test for
shorted MOSFETs.
Typical Application Circuits
Figure 1. Full Application with MOSFET Diagnostic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5051MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5051MA/NOPB TI1-LM5051MA/NOPB Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
More results

Similar Description - LM5051MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
August 17, 2015
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com