Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5051MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
0.0V
0.0 mV
VnFGD
VSD(TST)
ûVSD(TST)
0.0V
0.0 mV
VGATE
VSD(REV)
ûVSD(REV)
VSD(REG)
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated all conditions and measurements are referenced to device pin 7 (INP/VSS), and the following conditions
apply: VLINE= 48.0V, VINN= -150 mV, VOFF= 0.0V, CGATE= 47 nF, CVCC= 0.1 µF, and TJ= 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FET Test Comparator
VOFF = 5.0V
FET Test Threshold Voltage
VSD(TST)
VINN/VSS going negative from
-360
-260
-183
mV
VINP - VINN
VINP until nFGD pin goes Hi-Z
VOFF = 5.0V
VINN going positve from
ΔVSD(TST)
FET Test Threshold Voltage Hysteresis
-
6.5
-
mV
VSDT(ST) until nFGD pin goes
Lo-Z
nFGD Pin
nFGD Output Low Voltage
VOFF = 5V
nFGDVOL
-
285
450
mV
nFGD Output = On
InFGD = 1mA Sinking
nFGD Output Leakage Current
VOFF = 0V
nFGDIOL
-
0.01
0.7
µA
nFGD Output = Off
VnFGD = 5.0V
Figure 4. VSD(REV) Threshold Definitions
Figure 5. VSD(TST) Threshold Definitions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com