Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
VINN(V)
+25°C
+125°C
-2
-1
0
1
2
3
-1
1
3
5
7
9
11
13
15
TIME ( s)
VGATE
VOFF
-50
-25
0
25
50
75
100 125
0.0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
1 mA
-50
-25
0
25
50
75
100 125
-100
-80
-60
-40
-20
0
20
40
TEMPERATURE (°C)
Vsd(rev) + ûVsd(rev)
Vsd(rev)
20
30
40
50
60
70
80
90 100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VLINE(V)
-40°C
+25°C
+125°C
20
30
40
50
60
70
80
90 100
5
6
7
8
9
10
11
12
13
14
15
VLINE(V)
-40°C
+25°C
+125°C
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise stated: All conditions and measurements are referenced to device pin 7 (INP/VSS), VLINE = 48V, VOFF =
0.0V, VINN = -150 mV, CVCC = 0.1 µF, CGATE = 47 nF, and TJ = 25°C
IGATE Charge Current
VGATE
vs
vs
VLINE , VGATE = 0.0V
VLINE
Figure 20.
Figure 21.
nFGDVOL
VSD(REV) Thresholds
vs
vs
Temperature
Temperature
Figure 22.
Figure 23.
IINN
VGATE
vs
vs
VINN
VOFF , VINN = -100mV
Figure 24.
Figure 25.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com