Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
RD / WR
ANC / CTRL
ADDR
DATA
DATA
ADDR
ADDR
DATA
AD[7:0]
WRITE
EXTERNAL BUS MUST
RELEASE
INTERNAL BUS WILL
RELEASE
ACLK
READ
READ
AD[9:8]
AD[9]
AD[8]
DRIVEN
REC'D
DRIVEN
REC'D
DRIVEN
DRIVEN
AD[9]
AD[8]
AD[8]
AD[9]
AD[8]
AD[9:8]
LMH0031
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
immediately following the rising edge of ACLK or when the address signal is removed. For optimum system
timing, the signals driving the address to the port should be removed immediately after the address is clocked
into the port and before or simultaneously with the falling edge of ACLK at the end of that address cycle. Output
data remains stable until the next rising edge of ACLK and may be written into external devices at any time after
the removal of the address signal. This second clock resets the port from drive to receive and readies the port for
another access cycle.
Example: Read the Full-field Flags via the AD port.
1. Set ANC/CTRL to a logic-low.
2. Set RD/WR to a logic-high.
3. Present 001h to AD[9:0] as the register address.
4. Toggle ACLK.
5. Release the bus driving the AD port.
6. Read the data present on the AD port. The Full-field Flags are bits AD[4:0].
7. Toggle ACLK to release the AD port.
Figure 4 shows the sequence of clock and control signals for writing control data to the ancillary/control data port.
The control data write mode is similar to the read mode. Control data write mode is invoked by making the
ANC/CTRL input low and the RD/WR input low. The 8-bit address of the control register set to be accessed is
input to the port on bits AD[7:0]. When a control register write address is being written to the port, AD[9:8] must
be driven as 00b (0XXh, where XX are AD[7:0]). The address is captured on the rising edge of ACLK. The
address data is removed on the falling edge of ACLK. Next, the control data is presented to the port bits AD[7:0]
and written into the selected register on the next rising edge of ACLK. When control data is being written to the
port, AD[9:8] must be driven as 11b (3XXh, where XX are AD[7:0]). Control data written into the registers may
be read out non-destructively in most cases.
Example: Setup (without enabling) the TPG Mode via the AD port using the 1125 line, 30 frame, 74.25MHz,
interlaced component (SMPTE 274M) colour bars as test pattern. The TPG may be enabled after setup using the
Multi-function I/O port or by the control registers.
1. Set ANC/CTRL to a logic-low.
2. Set RD/WR to a logic-low.
3. Present 00Dh to AD[9:0] as the Test 0 register address.
4. Toggle ACLK.
5. Present 327h to AD[9:0] as the register data.
6. Toggle ACLK.
Figure 3. Control Data Read Timing (2 read and 1 write cycle shown)
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com