Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LMH0031
www.ti.com
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
Table 2. Control Register Bit Assignments (continued)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ANC 1 (register address 05h)
ANC ID(7)
ANC ID(6)
ANC ID(5)
ANC ID(4)
ANC ID(3)
ANC ID(2)
ANC ID(1)
ANC ID(0)
ANC 2 (register address 06h)
ANC ID(15)
ANC ID(14)
ANC ID(13)
ANC ID(12)
ANC ID(11)
ANC ID(10)
ANC ID(9)
ANC ID(8)
ANC 3 (register address 07h)
ANC MASK(7)
ANC MASK(6)
ANC MASK(5)
ANC MASK(4)
ANC MASK(3)
ANC MASK(2)
ANC MASK(1)
ANC MASK(0)
ANC 4 (register address 08h)
ANC
ANC
ANC
ANC MASK(15)
ANC MASK(14)
ANC MASK(13)
ANC MASK(9)
ANC MASK(8)
MASK(12)
MASK(11)
MASK(10)
ANC 5 (register address 17h)
FIFO EXTRACT
FIFO CLOCK
FULL MSG
FIFO FLUSH
MSG FLUSH
reserved
reserved
MSG TRACK
ENABLE
ENABLE
AVAILABLE
STATIC
STATIC
ANC 6 (register address 18h)
ANC FIFO
SHORT MSG
ANC PARITY
reserved
reserved
reserved
reserved
VANC
90% FULL
DETECT
MASK
FORMAT 0 (register address 0Bh)
FRAMING
FORMAT
FORMAT
FORMAT
FORMAT
FORMAT
SD ONLY
HD ONLY
MODE
SET(4)
SET(3)
SET(2)
SET(1)
SET(0)
FORMAT 1 (register address 0Ch)
F
V
H
FORMAT(4)
FORMAT(3)
FORMAT(2)
FORMAT(1)
FORMAT(0)
TEST 0 (register address 0Dh)
TEST
TEST
TEST
TEST
TEST
TEST PATTERN
PASS/FAIL
TPG ENABLE
PATTERN
PATTERN
PATTERN
PATTERN
PATTERN
SELECT(5)
SELECT(4)
SELECT(3)
SELECT(2)
SELECT(1)
SELECT(0)
VIDEO INFO 0 (register address 0Eh)
VERT. DE-
DE-DITHER
VPG FILTER
LOCK
FRAMING
DITHER
EAV
SAV
NSP
ENABLE
ENABLE
DETECT
ENABLE
ENABLE
VIDEO CONTROL 0 (register address 55h)
EXTERNAL
SYNC DETECT
LSB CLIP
DE-Scramble
reserved
reserved
NRZI ENABLE
reserved
VCLK
ENABLE
ENABLE
ENABLE
REFERENCE CLOCK (register address 67h)
reserved
reserved
reserved
reserved
reserved
INT_OSC EN
CLK EN
reserved
MULTI-FUNCTION I/O BUS PIN CONFIGURATION
I/O PIN 0 CONFIG (register address 0Fh)
reserved
reserved
PIN 0 SEL[5]
PIN 0 SEL[4]
PIN 0 SEL[3]
PIN 0 SEL[2]
PIN 0 SEL[1]
PIN 0 SEL[0]
I/O PIN 1 CONFIG (register address 10h)
reserved
reserved
PIN 1 SEL[5]
PIN 1 SEL[4]
PIN 1 SEL[3]
PIN 1 SEL[2]
PIN 1 SEL[1]
PIN 1 SEL[0]
I/O PIN 2 CONFIG (register address 11h)
reserved
reserved
PIN 2 SEL[5]
PIN 2 SEL[4]
PIN 2 SEL[3]
PIN 2 SEL[2]
PIN 2 SEL[1]
PIN 2 SEL[0]
I/O PIN 3 CONFIG (register address 12h)
reserved
reserved
PIN 3 SEL[5]
PIN 3 SEL[4]
PIN 3 SEL[3]
PIN 3 SEL[2]
PIN 3 SEL[1]
PIN 3 SEL[0]
I/O PIN 4 CONFIG (register address 13h)
reserved
reserved
PIN 4 SEL[5]
PIN 4 SEL[4]
PIN 4 SEL[3]
PIN 4 SEL[2]
PIN 4 SEL[1]
PIN 4 SEL[0]
I/P PIN 5 CONFIG (register address 14h)
reserved
reserved
PIN 5 SEL[5]
PIN 5 SEL[4]
PIN 5 SEL[3]
PIN 5 SEL[2]
PIN 5 SEL[1]
PIN 5 SEL[0]
I/O PIN 6 CONFIG (register address 15h)
reserved
reserved
PIN 6 SEL[5]
PIN 6 SEL[4]
PIN 6 SEL[3]
PIN 6 SEL[2]
PIN 6 SEL[1]
PIN 6 SEL[0]
I/O PIN 7 CONFIG (register address 16h)
reserved
reserved
PIN 7 SEL[5]
PIN 7 SEL[4]
PIN 7 SEL[3]
PIN 7 SEL[2]
PIN 7 SEL[1]
PIN 7 SEL[0]
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com