Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LMH0031
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
Serial Video Data Inputs
SMPTE 259M, Level C
270
SMPTE 259M, Level D
360
BRSDI
Serial Input Data Rate
SMPTE 344M
540
MBPS
SMPTE 292M
1,483
SDI, SDI
SMPTE 292M
1,485
20%–80%, SMPTE 259M
0.4
1.0
1.5
ns
Data Rates
tr, tf
Rise Time, Fall Time
20%–80%, SMPTE 292M
270
ps
Data Rates
Parallel Video Data Outputs
SMPTE 259M, 270MBPS
27.0
SMPTE 267M, 360MBPS
36.0
Video Output Clock
fVCLK
SMPTE 344M, 540MBPS
VCLK
54.0
MHz
Frequency
SMPTE 292M, 1,483MBPS
74.176
SMPTE 292M, 1,485MBPS
74.25
Propagation Delay, Video
VCLK to DVN
tpd
50%–50%
0.5
2.0
ns
Clock to Video Data Valid
Timing Diagram
DCV
Duty Cycle, Video Clock
VCLK
50±5
%
27MHz
2.0
36MHz
1.4
Video Data Output Clock
tJIT
VCLK
nsP-P
Jitter
54MHz
1.0
74.25MHz
0.5
Parallel Ancillary / Control Data Inputs, Multi-function Parallel Bus Inputs
Ancillary / Control Data Clock
fACLK
VCLK
MHz
Frequency
ACLK
Duty Cycle, Ancillary Data
DCA
ANC Data clock (2)
45
50
55
%
Clock
tr, tf
Output Rise Time, Fall Time
10%–90%
1.0
1.5
3.0
Setup Time, ADN to ACLK or
tS
ION, ADN, ACLK
3.0
1.5
ION to ACLK Rising Edge
ns
Control Data Input or I/O Bus
Timing Diagram
Input
Hold Time, Rising Edge ACLK
tH
3.0
1.5
to ADN or ACLK to ION
Parallel Ancillary / Control Data Outputs
Propagation Delay, Clock to
tpd
8.5
Control Data
ACLK to ADN
50%–50%
ns
Timing Diagram
Propagation Delay, Clock to
tpd
11.5
Ancillary Data
Multi-function Parallel I/O Bus
IO0–IO7
tr, tf
Rise Time, Fall Time
10%–90%
1.0
1.5
3.0
ns
Timing Diagram
PLL/CDR, Format Detect
SD Rates(3)
0.32
1.0
tLOCK
Lock Detect Time
HD Rates(3)
0.26
1.0
ms
tFORMAT
Format Detect Time
All Rates
20
(1)
Typical values are stated for VDDIO = VDDSI = +3.3V, VDDD = VDDPLL = +2.5V and TA = +25°C.
(2)
When used to clock control data into or from the LMH0031, the duty cycle restriction does not apply.
(3)
Measured from rising-edge of first SDI cycle until Lock Detect bit goes high (true). Lock time includes CDR phase acquisition time plus
PLL lock time.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com