Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 29Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 30Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 31Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 32Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
LMH0031
www.ti.com
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
Example: Program, via the AD port, I/O port bit 0 as output for the CRC Luma Error bit in the control registers.
1. Set ANC/CTRL to a logic-low.
2. Set RD/WR to a logic-low.
3. Present 00Fh to AD[9:0] as the I/O PIN 0 CONFIG register address.
4. Toggle ACLK.
5. Present 310h to AD[9:0] as the register data, the bit address of the CRC Luma Error bit in the control
registers.
6. Toggle ACLK.
Table 6. Control Register Bit, Pin[n] SEL[5:0] Codes for I/O Port Pin Mapping(1)
Pin[n] SEL[5:0] Codes
I/P or
Register Bit
Power-On Status
O/P
[5]
[4]
[3]
[2]
[1]
[0]
HEX
reserved
0
0
0
0
0
0
00
O/P
FF Flag Error
0
0
0
0
0
1
01
O/P
AP Flag Error
0
0
0
0
1
0
02
O/P
ANC Flag Error
0
0
0
0
1
1
03
O/P
CRC Error (SD/HD)
0
0
0
1
0
0
04
O/P
I/O Port Bit 5
Addresses 05h and 06h are reserved
ANC FIFO 90% FULL
0
0
0
1
1
1
07
O/P
SHORT MSG DETECT
0
0
1
0
0
0
08
O/P
FULL MSG AVAIL
0
0
1
0
0
1
09
O/P
Addresses 0Ah through 0Ch are reserved
SAV
0
0
1
1
0
1
0D
O/P
EAV
0
0
1
1
1
0
0E
O/P
I/O Port Bit 7
NSP
0
0
1
1
1
1
0F
O/P
CRC Luma Error
0
1
0
0
0
0
10
O/P
CRC Chroma Error
0
1
0
0
0
1
11
O/P
F
0
1
0
0
1
0
12
O/P
I/O Port Bit 0
V
0
1
0
0
1
1
13
O/P
I/O Port Bit 1
H
0
1
0
1
0
0
14
O/P
I/O Port Bit 2
Format[0]
0
1
0
1
0
1
15
O/P
Format[1]
0
1
0
1
1
0
16
O/P
Format[2]
0
1
0
1
1
1
17
O/P
Format[3]
0
1
1
0
0
0
18
O/P
Format[4]
0
1
1
0
0
1
19
O/P
I/O Port Bit 3 (SD/HD)
FIFO Full
0
1
1
0
1
0
1A
O/P
FIFO Empty
0
1
1
0
1
1
1B
O/P
I/O Port Bit 6
Lock Detect
0
1
1
1
0
0
1C
O/P
I/O Port Bit 4
Pass/Fail
0
1
1
1
0
1
1D
O/P
FIFO Overrun
0
1
1
1
1
0
1E
O/P
ANC Chksum Error
0
1
1
1
1
1
1F
O/P
EDH Force
1
0
0
0
0
0
20
I/P
Test Pattern Select[0]
1
0
0
0
0
1
21
I/P
Test Pattern Select[1]
1
0
0
0
1
0
22
I/P
Test Pattern Select[2]
1
0
0
0
1
1
23
I/P
Test Pattern Select[3]
1
0
0
1
0
0
24
I/P
Test Pattern Select[4]
1
0
0
1
0
1
25
I/P
Test Pattern Select[5]
1
0
0
1
1
0
26
I/P
(1)
Note: All LVCMOS inputs have internal pull-down devices except VCLK and ACLK.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com