Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 19Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 20Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
LMH0031
www.ti.com
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
4. Toggle ACLK.
5. Present 343h to AD[9:0] as the register data (525 line, 30 frame, 27MHz, NTSC 4x3, colour bars (SMPTE
125M)).
6. Toggle ACLK.
7. The PASS/FAIL indicator, TEST 0 register, Bit 7, should be read for the result of the test. Alternatively, this
bit may be mapped to a convenient bit of the Multi-function I/O bus. The test pattern data and clock is
available at the DV[19:0] and VCLK outputs.
CONFIGURATION AND CONTROL REGISTERS
The configuration and control registers store data which determines the operational modes of the LMH0031 or
which result from its operation. Many of these registers may be assigned as external I/O functions which are then
available on the multi-function I/O bus. These functions are summarized in Table 1 and detailed in Table 2. The
power-on default condition for the multi-function I/O port is indicated in Table 1 and detailed in Table 6.
Table 1. Configuration and Control Data Register Summary(1)
Available on
Register Function
Bits
Read or Write
Initial Condition
Notes
I/O Bus
EDH and CRC Operations
CRC Error (SD/HD)
1
R
Reset
Output
See (2) I/O 5
CRC Error Luma
1
R
Reset
Output
CRC Error Chroma
1
R
Reset
Output
CRC Replace
1
R/W
OFF
No
See (3)
Full-Field Flags
5
R
Reset
No
Active Picture Flags
5
R
Reset
No
ANC Flags
5
R
Reset
No
EDH Force
1
R/W
OFF
Input
EDH Enable
1
R/W
ON
Input
F/F Flag Error
1
R
Reset
Output
A/P Flag Error
1
R
Reset
Output
ANC Flag Error
1
R
Reset
Output
Ancillary Data Operations
ANC Checksum Force
1
R/W
OFF
Input
ANC Checksum Error
1
R
Reset
Output
ANC FIFO Empty
1
R
Set
Output
See (2) I/O 6
ANC FIFO 90% Full
1
R
Reset
Output
ANC FIFO Full
1
R
Reset
Output
ANC FIFO Overrun
1
R
Reset
Output
ANC ID
16
R/W
0000h
No
ANC Mask
16
R/W
FFFFh
No
MSG Track
1
R/W
OFF
No
MSG Flush Static
1
R/W
OFF
No
FIFO Flush Static
1
R/W
OFF
No
Full MSG Available
1
R
OFF
Output
Short MSG Detect
1
R
OFF
Output
FIFO Clock Enable
1
R/W
OFF
No
FIFO Extract Enable
1
R/W
OFF
Input
Video FIFO Operation
Video FIFO Depth
3
R/W
000b
No
(1)
ON = SET = logic-1, OFF = RESET = logic-0 (positive logic).
(2)
Connected to multifunction I/O port at power-on.
(3)
Special or restricted functionality. Refer to text for details.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com