Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LMH0031VS/NOPB
Description  LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 30Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 31Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 32Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 33Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 34Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 35Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 36Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 37Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
+
-
100 k:
182 k:
VCTRL
FOUT
LMC7101
+3.3V
VCTRL
FOUT
+3.3V
NC7SZ126
74.25 MHz
VCXO
27.00 MHz
VCXO
LMH0031
RB B
RREF
VCLK
22.1 k:
100 pF
10 nF
4.75 k:
DV[19:0]
To other
logic or
serializer
CAUTION! Read text
before using this
circuit.
NC7SZ125
NC7SZ08
CLC031 IO3 - SD/HD
CLC031 IO4 - Lock Detect
OE
OE
22.1:
22.1:
LMH0031
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Figure 8. Using Dual VCXOs for VCLK Example
The control voltage output from RBB is externally filtered by the loop filter consisting of a 22.1kΩ resistor in series
with a 10nF capacitor, combined in parallel with a 100pF capacitor. This gives a loop bandwidth of 1.5kHz. Since
the control voltage is limited to around 2.1V, it requires a level shifter to get the entire pull range on the VCXO.
TI's LMC7101 is recommended with 100k
Ω and 182kΩ resistors as shown in Figure 8 to provide a gain of 1.55,
sufficient to drive a 3.3V VCXO.
Recommended VCXOs from SaRonix (141 Jefferson Drive, Menlo Park, CA 94025, USA) include the
ST1308AAB-74.25 for high definition and the ST1307BAB-27.00 for standard definition. Dual VCXOs require
some supporting logic to select the appropriate VCXO. This requires the use of Format[4] (SD/HD) and Lock
Detect, which are mapped at power-on to I/O Port Bit 3 and I/O Port Bit 4, respectively. These two signals pass
through an AND gate (Fairchild Semiconductor's NC7SZ08 or similar). Its output is high when both Lock Detect
and Format[4] are high, which indicates a valid high-definition signal is present. The VCXOs are buffered to
control the transition times and to allow easy selection. The output of the AND gate is used to control the Output
Enable (OE) function of the buffers. The 74.25MHz VCXO is buffered with the NC7SZ126 with the AND gate
output connected to the OE pin of the NC7SZ126, and the 27.00MHz VCXO is buffered with the NC7SZ125 with
the AND gate output connected to the OE pin of the NC7SZ125. This circuit uses the 27.00MHz VCXO as
default and enables the 74.25MHz VCXO when a valid high-definition signal is present. The outputs from the
buffers are daisy-chained together and sent to the LMH0031's VCLK in addition to other devices, such as the
LMH0030 serializer.
34
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com