Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6570MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6570MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMH6570
www.ti.com
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
6.5 Electrical Characteristics ±5V
VS = ±5 V, RL = 100 Ω, RF = 576 Ω, AV = 2 V/V, TJ = 25 °C, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN(2)
TYP(3)
MAX(2)
UNIT
FREQUENCY DOMAIN PERFORMANCE
SSBW
−3 dB Bandwidth
VOUT = 0.5 VPP
500
MHz
LSBW
–3 dB Bandwidth
VOUT = 2 VPP
(4)
400
MHz
.1 dBBW
0.1 dB Bandwidth
VOUT = 0.25 VPP
150
MHz
DG
Differential gain
RL = 150 Ω, f = 4.43 MHz
0.02%
DP
Differential phase
RL = 150 Ω, f = 4.43 MHz
0.05
deg
XTLK
Channel to channel crosstalk
All Hostile, f = 5 MHz
−70
dBc
TIME DOMAIN RESPONSE
Channel to channel switching
ns
TRS
Logic transition to 90% output
8
time
Enable and disable times
Logic transition to 90% or 10% output.
10
ns
TRL
Rise and fall time
4 V Step
2.4
ns
TSS
Settling time to 0.05%
2 V Step
17
ns
OS
Overshoot
2 V Step
5%
SR
Slew rate
4 V Step(4)(5)
2200
V/
μs
DISTORTION
HD2
2nd Harmonic distortion
2 VPP , 5 MHz
−68
dBc
HD3
3rd Harmonic distortion
2 VPP , 5 MHz
−84
dBc
3rd Order intermodulation
dBc
IMD
10 MHz, Two tones 2 Vpp at output
−80
products
EQUIVALENT INPUT NOISE
VN
Voltage
>1 MHz, Input Referred
5
nV
√HZ
ICN
Current
>1 MHz, Input Referred
5
pA/
√Hz
STATIC, DC PERFORMANCE
±0.005%
±0.034%
Channel to channel gain
DC, Difference in gain
CHGM
difference
between channels
-40°C
≤ TJ ≤ 85°C
±0.036%
1
±15
mV
VIO
Input offset voltage
VIN = 0 V
-40°C
≤ TJ ≤ 85°C
±21
DVIO
Offset voltage drift(6)
30
µV/°C
−3
±8
µA
IBN
Input bias current(7)
VIN = 0 V
-40°C
≤ TJ ≤ 85°C
±10
DIBN
Bias current drift(6)
11
nA/°C
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Thermal Information for information on temperature de-rating of this device.
Min/Max ratings are based on product testing, characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods.
(3)
Typical numbers are the most likely parametric norm.
(4)
Parameter ensured by design.
(5)
Slew Rate is the average of the rising and falling edges.
(6)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(7)
Positive Value is current into device.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com