Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6570MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
5
6
7
8
9
10
12
SUPPLY VOLTAGE (V)
-80
-75
-70
-65
-60
-55
-50
-45
-40
11
f = 5 MHz
VOUT = 2 VPP
CH1
CH0
5
6
7
8
9
10
12
SUPPLY VOLTAGE (V)
-100
-95
-90
-85
-80
-75
-70
-65
-60
11
f = 5 MHz
VOUT = 2 VPP
CH1
CH0
CH1
-40
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
CH 0
CH 1
VOUT = 2 VPP
-40
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
VOUT = 2 VPP
HD3 ALL CHANNELS
0
5
10 15 20 25 30 35 40 45 50
-0.02
0
0.02
0.04
0.06
0.08
TIME (ns)
SHUTDOWN GLITCH
SHUTDOWN
SHUTDOWN SIGNAL
ON
0
2
4
0
10
20
30
40
50
60
70
80
TIME (ns)
0
1
2
3
-0.25
0
0.25
0.5
-0.5
SHUTDOWN
VOUT
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
Typical Performance Characteristics (continued)
Vs = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 576 Ω, unless otherwise specified.
Figure 13. SHUTDOWN Switching
Figure 14. Shutdown Glitch
Figure 15. HD2 vs. Frequency
Figure 16. HD3 vs. Frequency
Figure 17. HD2 vs. VS
Figure 18. HD3 vs. VS
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com