Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6570MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6570MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics ±5V (continued)
VS = ±5 V, RL = 100 Ω, RF = 576 Ω, AV = 2 V/V, TJ = 25 °C, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN(2)
TYP(3)
MAX(2)
UNIT
−3
±18
uA
Pin 8, Feedback point,
IBI
Inverting input bias current(7)
VIN = 0 V
-40°C
≤ TJ ≤ 85°C
±22
48
50
dB
PSRR
Power supply rejection ratio
DC, Input referred
-40°C
≤ TJ ≤ 85°C
46
13.8
15
mA
No Load, Shutdown Pin
ICC
Supply current
(SD) > 0.8 V
-40°C
≤ TJ ≤ 85°C
16
1.1
1.3
mA
Supply current shutdown
Shutdown Pin (SD) > 2 V
-40°C
≤ TJ ≤ 85°C
1.4
VIH
Logic high threshold
Select Pin & Shutdown pin (SEL, SD)
2.0
V
VIL
Logic low threshold
Select Pin & Shutdown pin (SEL, SD)
0.8
V
Logic Input = 0 V Select
−8
−1
µA
IiL
Logic pin input current low(7)
Pin & Shutdown Pin (SEL,
-40°C
≤ TJ ≤ 85°C
-10
SD)
Logic Input = 5.0 V, Select
57
68
µA
IiH
Logic pin input current high(7)
Pin & Shutdown Pin (SEL,
75
-40°C
≤ TJ ≤ 85°C
SD)
MISCELLANEOUS PERFORMANCE
RIN+
Input resistance
5
k
Ω
CIN
Input capacitance
0.8
pF
ROUT
Output resistance
Output Active, (SD < 0.8 V)
0.04
Ω
ROUT
Output resistance
Output Disabled, (SD > 2 V)
3000
Ω
COUT
Output capacitance
Output Disabled, (SD > 2 V)
3.1
pF
±3.51
±3.7
V
VO
No Load
-40°C
≤ TJ ≤ 85°C
±3.50
Output voltage range
±3.16
±3.5
V
VOL
RL = 100 Ω
-40°C
≤ TJ ≤ 85°C
±3.15
CMIR
Input voltage range
±2.5
±2.6
V
+60
±80
mA
IO
Linear output current(7)
VIN = 0 V
-70
-40°C
≤ TJ ≤ 85°C
±55
ISC
Short circuit current(8)
VIN = ±2 V, Output shorted to ground
±230
mA
(8)
The maximum output current (IOUT) is determined by the device power dissipation limitations (The junction temperature cannot be
allowed to exceed 150°C). See Power Dissipation for more details. A short circuit condition should be limited to 5 seconds or less.
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com