Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6570MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6570MA/NOPB
Description  LMH6570 2:1 High Speed Video Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6570MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6570MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6570MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
1200
1400
1600
GAIN (V/V)
0
2
4
6
8
10 12 14 16 18 20
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
VS = ±5V
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 100 pF, ROUT = 19:
VOUT = 1 VPP
CL || 1 k:
VS = ±5V
AV = 2 (V/V)
CL = 56 pF, ROUT = 24:
CL = 18 pF, ROUT = 48:
CL = 8.6 pF, ROUT = 63:
1
10
100
1000
CAPACTIVE LOAD (pF)
0
10
20
30
40
50
60
70
80
90
VS = ±5V
LOAD = 1 k:|| CL
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = 2V/V
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2 VPP
AV = 1, RF = 1.5 k:
AV = 2, RF = 575:
AV = 6, RF = 300:
AV = 10, RF = 180:
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Performance Characteristics
Vs = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 576 Ω, unless otherwise specified.
Figure 1. Frequency Response vs. VOUT
Figure 2. Frequency Response vs. Gain
Figure 4. Suggested ROUT vs. Capacitive Load
Figure 3. Frequency Response vs. Capacitive Load
Figure 5. Suggested Value of RF vs. Gain
Figure 6. Pulse Response 4VPP
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com