Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/P Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F18344-I/P
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F18344-I/P Datasheet HTML 26Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 27Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 28Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 29Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 30Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 31Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 32Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 33Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 489 page
background image
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Bank 0
CPU CORE REGISTERS; see
Table 4-2 for specifics
00Ch
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
00Dh
PORTB
X —
Unimplemented
—
—
— X
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
uuuu ----
00Eh
PORTC
X —
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
— X
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
00Fh
—
—
Unimplemented
—
—
010h
PIR0
—
—TMR0IF
IOCIF
—
—
—INTF
--00 ---0
--00 ---0
011h
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
BCL1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
012h
PIR2
TMR6IF
C2IF
C1IF
NVMIF
SSP2IF
BCL2IF
TMR4IF
NCO1IF
0000 0000
0000 0000
013h
PIR3
OSFIF
CSWIF
TMR3GIF
TMR3IF
CLC4IF
CLC3IF
CLC2IF
CLC1IF
0000 0000
0000 0000
014h
PIR4
CWG2IF
CWG1IF
TMR5GIF
TMR5IF
CCP4IF
CCP3IF
CCP2IF
CCP1IF
0000 0000
0000 0000
015h
TMR0L
TMR0L<7:0>
xxxx xxxx
xxxx xxxx
016h
TMR0H
TMR0H<7:0>
1111 1111
1111 1111
017h
T0CON0
T0EN
—
T0OUT
T016BIT
T0OUTPS<3:0>
0-00 0000
0-00 0000
018h
T0CON1
T0CS<2:0>
T0ASYNC
T0CKPS<3:0>
0000 0000
0000 0000
019h
TMR1L
TMR1L<7:0>
xxxx xxxx
uuuu uuuu
01Ah
TMR1H
TMR1H<7:0>
xxxx xxxx
uuuu uuuu
01Bh
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1SOSC
T1SYNC
—TMR1ON
0000 00-0
uuuu uu-u
01Ch
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
uuuu uxuu
01Dh
TMR2
TMR2<7:0>
0000 0000
0000 0000
01Eh
PR2
PR2<7:0>
1111 1111
1111 1111
01Fh
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000
-000 0000
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com