Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/P Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F18344-I/P
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F18344-I/P Datasheet HTML 48Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 49Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 50Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 51Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 52Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 53Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 54Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 55Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 489 page
background image
Bank 30
CPU CORE REGISTERS; see Table 4-2 for specifics
F20h
CLC2GLS0
LC2G1D4T
LC2G1D4N
LC2G1D3T
LC2G1D3N
LC2G1D2T
LC2G1D2N
LC2G1D1T
LC2G1D1N
xxxx xxxx
uuuu uuuu
F21h
CLC2GLS1
LC2G2D4T
LC2G2D4N
LC2G2D3T
LC2G2D3N
LC2G2D2T
LC2G2D2N
LC2G2D1T
LC2G2D1N
xxxx xxxx
uuuu uuuu
F22h
CLC2GLS2
LC2G3D4T
LC2G3D4N
LC2G3D3T
LC2G3D3N
LC2G3D2T
LC2G3D2N
LC2G3D1T
LC2G3D1N
xxxx xxxx
uuuu uuuu
F23h
CLC2GLS3
LC2G4D4T
LC2G4D4N
LC2G4D3T
LC2G4D3N
LC2G4D2T
LC2G4D2N
LC2G4D1T
LC2G4D1N
xxxx xxxx
uuuu uuuu
F24h
CLC3CON
LC3EN
―
LC3OUT
LC3INTP
LC3INTN
LC3MODE<2:0>
0-00 0000
0-00 0000
F25h
CLC3POL
LC3POL
―
―
―
LC3G4POL
LC3G3POL
LC3G2POL
LC3G1POL
0--- xxxx
0--- uuuu
F26h
CLC3SEL0
―
―
LC3D1S<5:0>
--xx xxxx
--uu uuuu
F27h
CLC3SEL1
―
―
LC3D2S<5:0>
--xx xxxx
--uu uuuu
F28h
CLC3SEL2
―
―
LC3D3S<5:0>
--xx xxxx
--uu uuuu
F29h
CLC3SEL3
―
―
LC3D4S<5:0>
--xx xxxx
--uu uuuu
F2Ah
CLC3GLS0
LC3G1D4T
LC3G1D4N
LC3G1D3T
LC3G1D3N
LC3G1D2T
LC3G1D2N
LC3G1D1T
LC3G1D1N
xxxx xxxx
uuuu uuuu
F2Bh
CLC3GLS1
LC3G2D4T
LC3G2D4N
LC3G2D3T
LC3G2D3N
LC3G2D2T
LC3G2D2N
LC3G2D1T
LC3G2D1N
xxxx xxxx
uuuu uuuu
F2Ch
CLC3GLS2
LC3G3D4T
LC3G3D4N
LC3G3D3T
LC3G3D3N
LC3G3D2T
LC3G3D2N
LC3G3D1T
LC3G3D1N
xxxx xxxx
uuuu uuuu
F2Dh
CLC3GLS3
LC3G4D4T
LC3G4D4N
LC3G4D3T
LC3G4D3N
LC3G4D2T
LC3G4D2N
LC3G4D1T
LC3G4D1N
xxxx xxxx
uuuu uuuu
F2Eh
CLC4CON
LC4EN
―
LC4OUT
LC4INTP
LC4INTN
LC4MODE<2:0>
0-00 0000
0-00 0000
F2Fh
CLC4POL
LC4POL
―
―
―
LC4G4POL
LC4G3POL
LC4G2POL
LC4G1POL
0--- xxxx
0--- uuuu
F30h
CLC4SEL0
―
―
LC4D1S<5:0>
--xx xxxx
--uu uuuu
F31h
CLC4SEL1
―
―
LC4D2S<5:0>
--xx xxxx
--uu uuuu
F32h
CLC4SEL2
―
―
LC4D3S<5:0>
--xx xxxx
--uu uuuu
F33h
CLC4SEL3
―
―
LC4D4S<5:0>
--xx xxxx
--uu uuuu
F34h
CLC4GLS0
LC4G1D4T
LC4G1D4N
LC4G1D3T
LC4G1D3N
LC4G1D2T
LC4G1D2N
LC4G1D1T
LC4G1D1N
xxxx xxxx
uuuu uuuu
F35h
CLC4GLS1
LC4G2D4T
LC4G2D4N
LC4G2D3T
LC4G2D3N
LC4G2D2T
LC4G2D2N
LC4G2D1T
LC4G2D1N
xxxx xxxx
uuuu uuuu
F36h
CLC4GLS2
LC4G3D4T
LC4G3D4N
LC4G3D3T
LC4G3D3N
LC4G3D2T
LC4G3D2N
LC4G3D1T
LC4G3D1N
xxxx xxxx
uuuu uuuu
F37h
CLC4GLS3
LC4G4D4T
LC4G4D4N
LC4G4D3T
LC4G4D3N
LC4G4D2T
LC4G4D2N
LC4G4D1T
LC4G4D1N
xxxx xxxx
uuuu uuuu
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com