Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/P Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F18344-I/P
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F18344-I/P Datasheet HTML 28Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 29Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 30Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 31Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 32Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 33Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 34Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 35Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 489 page
background image
Bank 2
CPU CORE REGISTERS; see Table 4-2 for specifics
10Ch
LATA
—
—LATA5
LATA4
—
LATA2
LATA1
LATA0
--xx -xxx
--uu -uuu
10Dh
LATB
X —
Unimplemented
—
—
— X
LATB7
LATB6
LATB5
LATB4
—
—
—
—
xxxx ----
uuuu ----
10Eh
LATC
X —
—
—
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
--xx xxxx
--uu uuuu
— X
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
xxxx xxxx
uuuu uuuu
10Fh
—
—
Unimplemented
—
—
110h
—
—
Unimplemented
—
—
111h
CM1CON0
C1ON
C1OUT
—C1POL
—
C1SP
C1HYS
C1SYNC
00-0 -100
00-0 -100
112h
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
0000 0000
0000 0000
113h
CM2CON0
C2ON
C2OUT
—C2POL
—
C2SP
C2HYS
C2SYNC
00-0 -100
00-0 -100
114h
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2MCH<2:0>
0000 0000
0000 0000
115h
CMOUT
—
—
—
—
—
—
MC2OUT
MC1OUT
---- --00
---- --00
116h
BORCON
SBOREN
—
—
—
—
—
—
BORRDY
1--- ---q
u--- ---u
117h
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
0q00 0000
0q00 0000
118h
DACCON0
DAC1EN
—DAC1OE
—
DAC1PSS<1:0>
—DAC1NSS
0-0- 00-0
0-0- 00-0
119h
DACCON1
—
—
—DAC1R<4:0>
---0 0000
---0 0000
11Ah to
11Fh
—
—
Unimplemented
—
—
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com