Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18344-I/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F18344-I/P
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F18344-I/P Datasheet HTML 44Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 45Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 46Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 47Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 48Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 49Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 50Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 51Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 489 page
background image
Bank 28
CPU CORE REGISTERS; see Table 4-2 for specifics
E21h
SSP1DATPPS
X ―
―
―
―
SSP1DATPPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
SSP1DATPPS<4:0>
---0 1100
---u uuuu
E22h
SSP1SSPPS
X ―
―
―
―
SSP1SSPPS<4:0>
---1 0011
---u uuuu
― X
―
―
―
SSP1SSPPS<4:0>
---1 0100
---u uuuu
E23h
―
―
Unimplemented
―
―
E24h
RXPPS
X ―
―
―
―
RXPPS<4:0>
---1 0101
---u uuuu
― X
―
―
―
RXPPS<4:0>
---0 1101
---u uuuu
E25h
TXPPS
X ―
―
―
―
TXPPS<4:0>
---1 0100
---u uuuu
― X
―
―
―
TXPPS<4:0>
---0 1111
---u uuuu
E26h
―
―
Unimplemented
―
―
E27h
―
―
Unimplemented
―
―
E28h
CLCIN0PPS
X ―
―
―
―
CLCIN0PPS<4:0>
---1 0011
---u uuuu
― X
―
―
―
CLCIN0PPS<4:0>
---0 0010
---u uuuu
E29h
CLCIN1PPS
X ―
―
―
―
CLCIN1PPS<4:0>
---0 0100
---u uuuu
― X
―
―
―
CLCIN1PPS<4:0>
---1 0011
---u uuuu
E2Ah
CLCIN2PPS
X ―
―
―
―
CLCIN2PPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
CLCIN2PPS<4:0>
---0 1100
---u uuuu
E2Bh
CLCIN3PPS
X ―
―
―
―
CLCIN3PPS<4:0>
---0 0101
---u uuuu
― X
―
―
―
CLCIN3PPS<4:0>
---0 1101
---u uuuu
E2Ch
T3CKIPPS
X ―
―
―
―
T3CKIPPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
T3CKIPPS<4:0>
---0 0101
---u uuuu
E2Dh
T3GPPS
X ―
―
―
―
T3GPPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
T3GPPS<4:0>
---1 0100
---u uuuu
E2Eh
T5CKIPPS
X ―
―
―
―
T5CKIPPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
T5CKIPPS<4:0>
---0 0101
---u uuuu
E2Fh
T5GPPS
X ―
―
―
―
T5GPPS<4:0>
---1 0001
---u uuuu
― X
―
―
―
T5GPPS<4:0>
---1 0100
---u uuuu
TABLE 4-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18324/18344.
2:
Register accessible from both User and ICD Debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com