Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 15Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 16Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 17Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 18Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 19Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 20Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 21Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 22Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VA = VD = VP = VDR = 3.3V, fCLK = 200 MHz, fIN = 50 MHz, PLL & Buffer bypassed, TA = 25°C, unless otherwise stated
SINAD vs. CLK Duty Cycle
SFDR vs. Supply Voltage
Figure 32.
Figure 33.
SFDR vs. Input Frequency
SFDR vs. Temperature
Figure 34.
Figure 35.
SFDR vs. Sample Rate
SFDR vs. Clock Duty Cycle
Figure 36.
Figure 37.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com