Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 18Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 19Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 20Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 21Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 22Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 23Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 24Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 25Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
8 11
AGND
ADC08B200
D7
D6
D5
D0
D1
D2
D3
D4
6
3
+3.3V
110
5
30
DR GND
10
VRT
VIN
10 PF
+
301
2
46
CLK
0.1 PF
9
0.1 PF
10 PF
+
1
4
32
0.1 PF
10 PF
VDR
VA
Choke
0.1 PF
10 PF
+
12
+3.3V
1
%
1
%
0.1 PF
1.9V
nomina
l
7
VIN GND
38
MUL0
39
MUL1
BSIZE0
BSIZE1
24
23
DRDY
31
OE
40
OEDGE
14
EF
15
FF
16
REN
20
WEN
17
21 42 45 47
43 44 48
+
10 PF
0.1 PF
VP
RCLK
19
ASW
25
18
WENsync
37
RESET
22
VD
PD
13
26
27
28
36
35
34
33
29
PDADC
41
VRM
VRB
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
The RESET signal resets the read and write pointers and the EF and FF flags. The RESET signal also stops the
read operation early (before the EF flag goes high). Consequently, only a partial read is performed if the RESET
input goes high while a buffer read out is under way. This allows the buffer pointers to be reset so a new capture
operation can begin. The RESET signal has no effect upon the A/D converter, which has its own internal Power-
On Reset circuit.
Note that the RCLK input does not need to be as noise (jitter) free as does the CLK signal. The reason for this is
that RCLK is only used to read the Capture Buffer, while the CLK signal is either the ADC sample clock or is the
reference for the internal PLL that generates the sample clock for the ADC. Consequently, CLK jitter directly
affects the ADC's SNR performance. There is no requirement for the RCLK to have any fixed relationship with
CLK in terms of phase or frequency.
Applications Information
REFERENCE INPUTS
The reference inputs VRT and VRB are the top and bottom of the reference ladder, respectively. Input signals
between these two voltages will be digitized to 8 bits. External voltages applied to the reference input pins should
be within the range specified in OPERATING RATINGS and ELECTRICAL CHARACTERISTICS. Any device
used to drive the reference pins should be able to source sufficient current into the VRT pin and sink sufficient
current from the VRB pin to maintain the desired voltages.
Because of the ladder and external resistor tolerances, the reference voltage of this circuit can vary too much for
some applications.
Figure 44. Simple, Low Component Count Reference Biasing
The reference bias circuit of Figure 44 is very simple and the performance is adequate for many applications.
However, circuit tolerances will lead to a wide reference voltage range. Better reference tolerance can be
achieved by driving the reference pins with low impedance sources.
The circuit of Figure 45 will allow a more accurate setting of the reference voltages, with upper and lower
reference accuracies of about 16 mV, or about 2 1/2 LSB. The upper amplifier must be able to source the
reference current as determined by the value of the reference resistor and the value of (VRT − VRB). The lower
amplifier must be able to sink this reference current. Both amplifiers should be stable with a capacitive load.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com