Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 16Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 17Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 18Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 19Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 20Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 21Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 22Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 23Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VA = VD = VP = VDR = 3.3V, fCLK = 200 MHz, fIN = 50 MHz, PLL & Buffer bypassed, TA = 25°C, unless otherwise stated
Power Consumption vs. Sample Rate
Power Consumption vs. Temperature
Figure 38.
Figure 39.
Spectral Response @ fIN = 49 MHz
Spectral Response @ fIN = 76 MHz
Figure 40.
Figure 41.
Spectral Response @ fIN = 99 MHz
Intermodulation Distortion
Figure 42.
Figure 43.
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com