Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 30 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 26Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 27Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 28Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 29Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 30Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 31Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 32Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 33Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
The WEN (Write Enable) input is used to enable writing to the buffer, while the REN (Read Enable) input is used
to enable reading from the buffer. If both of these are high, the WEN input dominates and the REN input is
ineffective until WEN goes low. If the WEN pin remains high after the buffer is full, the previous contents are
over-written. The ASW (Auto-Stop Write) pin may be used to automatically stop writing to the buffer when it is full
to the configured number of bytes. See THE WEN PIN, THE REN PIN, and THE ASW PIN for information on
these inputs.
The BSIZE inputs are used to configure the Data Buffer size (described in Table 2). The user has a choice of
using the buffer or bypassing it.
When the buffer is used and its contents have been read, the DRDY and the Data Outputs maintain the opposite
sense of the OEDGE input. When the buffer is bypassed, it is not used and the data is presented at the ADC
data output pins at the same rate as the sample clock. Table 2 indicates the choices available and the BSIZE pin
settings to achieve each.
When the buffer is bypassed (both BSIZE pins low), the ADC output is sent directly to the output port at the
sample clock rate without going through the buffer. In this mode all buffer control inputs (WEN, REN, ASW and
RCLK) are ignored and the EF and FF outputs are held low. The DRDY output may be used to capture the data
at the output port.
Table 2. BSIZE Pin Function
BSIZE1
BSIZE0
Buffer Size
0
0
Buffer is bypassed
0
1
256 bytes
1
0
512 bytes
1
1
1024 bytes
Reading the Buffer
There are two options for reading the contents of the ADC08B200 buffer. Since the DRDY output is source-
synchronous with the data output, it may be used to read the buffer data into the receiving device. This buffer
read method works well at any read rate for which the device is capable and is the preferred method of reading
the buffer at read rates greater than about 70 to 80 MHz. When using this method it is important that the DRDY
line electrical length and load are matched with those of the data lines in order to minimize DRDY to data output
skew.
The other read option is to ignore the DRDY signal and use the RCLK signal to read the ADC08B200 buffer. This
method may be easier to implement than is the use of DRDY when using a DSP or processor to read the buffer.
However, because RCLK is not source-synchronous with the data lines, this method is not recommenced for
buffer read (RCLK) rates above about 60 to 70 MHz. Specifications for tOHF + tF / 2and tOHR + tR / 2 provide the
necessary timing information of output data relative to RCLK. Keep in mind that the device timing specifications
apply at the device pins. Additional system delays must be taken into account to determine the RCLK to Data
timing relationship at the receiving device.
Regardless of which method is used, RCLK is needed to clock the captured data from the buffer. The buffer can
not be read without RCLK. Likewise reading the test pattern also requires the use of RCLK.
RCLK may be stopped when not reading the buffer and may be stopped in either the high state or the low state.
30
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com